Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 12 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 12 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 8Page - Nuvoton Technology Corporation M482 Datasheet HTML 9Page - Nuvoton Technology Corporation M482 Datasheet HTML 10Page - Nuvoton Technology Corporation M482 Datasheet HTML 11Page - Nuvoton Technology Corporation M482 Datasheet HTML 12Page - Nuvoton Technology Corporation M482 Datasheet HTML 13Page - Nuvoton Technology Corporation M482 Datasheet HTML 14Page - Nuvoton Technology Corporation M482 Datasheet HTML 15Page - Nuvoton Technology Corporation M482 Datasheet HTML 16Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 401 page
background image
Mar 30, 2018
Page 12 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
2
FEATURES
2.1 NuMicro
® M480 Features
Core and System
ARM
®
Cortex
® -M4
 ARM® Cortex® -M4 processor, running up to 192 MHz
 Built-in Memory Protection Unit (MPU)
 Built-in Nested Vectored Interrupt Controller (NVIC)
 Hardware IEEE 754 compliant Floating-point Unit (FPU)
 DSP extension with hardware divider and single-cycle 32-bit
hardware multiplier
 24-bit system tick timer
 Programmble and maskable interrupt
 Low Power Sleep mode by WFI and WFE instructions
Brown-out Detector (BOD)
Eight-level BOD with brown-out interrupt and reset option.
(3.0V/2.8V/2.6V/2.4V/2.2V/2.0V/1.8V/1.6V)
Low Voltage Reset (LVR)
LVR with 1.5V threshold voltage level.
Security
96-bit Unique ID (UID).
128-bit Unique Customer ID (UCID).
One built-in temperature sensor with 1℃ resolution.
Memories
Flash
Dual bank 512/256 KB on-chip Application ROM (APROM) for
Over-The-Air (OTA) upgrade
192 MHz maximum frequency, with performance at zero wait cycle
in continuous address read access
4 KB on-chip Flash for user-defined loader (LDROM)
8 KB non-readble Key Protection ROM (KPROM) for firmware
programming protection
4 KB non-readble Security Protection ROM (SPROM) for intelectual
property protection
2 KB One Time Programable (OTP) ROM for data security
All on-chip Flash support 4 KB page erase
Fast Flash programming verification with CRC
On-chip Flash programming with In-Chip Programming (ICP), In-
System Programming (ISP) and In-Application Programming (IAP)
capabilities
Configurable boot up sources including boot loader, user-defined
loader (LDROM) or Application ROM (APROM)
Data Flash with configurable memory size
2-wired ICP Flash updating through SWD interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com