Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 28 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 28 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 24Page - Nuvoton Technology Corporation M482 Datasheet HTML 25Page - Nuvoton Technology Corporation M482 Datasheet HTML 26Page - Nuvoton Technology Corporation M482 Datasheet HTML 27Page - Nuvoton Technology Corporation M482 Datasheet HTML 28Page - Nuvoton Technology Corporation M482 Datasheet HTML 29Page - Nuvoton Technology Corporation M482 Datasheet HTML 30Page - Nuvoton Technology Corporation M482 Datasheet HTML 31Page - Nuvoton Technology Corporation M482 Datasheet HTML 32Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 401 page
background image
Mar 30, 2018
Page 28 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
3.6 NuMicro
® M484 USB HS OTG Series
PART NUMBER
M484
SGAAE
SIDAE
SGAAE2U
SIDAE2U
KIDAE
Flash (KB)
256
512
256
512
512
SRAM (KB)
96
160
96
160
160
ISP Loader ROM (KB)
4
I/O
44
44
100
32-bit Timer
4
Tamper
1
1
6
LPUART
6
ISO-7816
3
SPI Master
1
Quad SPI
1
SPI/I
2S
4
I
2S
1
I
2C
3
USCI
2
CAN
-
LIN
2
SDHC
2
16-bit PWM
24
QEI
2
ECAP
1
1
2
USB 2.0 FS OTG
-
√
√
USB 2.0 HS OTG
√
12-bit ADC
16
12-bit DAC
2
Analog Comparator
2
Operational Amplifier
2
2
3
Ethernet
-
Cryptography
-
LCD Parallel Data Bus
(External Bus Interface)
8
8
16
Package
LQFP 64
LQFP 64
LQFP 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com