Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 82 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 82 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 78Page - Nuvoton Technology Corporation M482 Datasheet HTML 79Page - Nuvoton Technology Corporation M482 Datasheet HTML 80Page - Nuvoton Technology Corporation M482 Datasheet HTML 81Page - Nuvoton Technology Corporation M482 Datasheet HTML 82Page - Nuvoton Technology Corporation M482 Datasheet HTML 83Page - Nuvoton Technology Corporation M482 Datasheet HTML 84Page - Nuvoton Technology Corporation M482 Datasheet HTML 85Page - Nuvoton Technology Corporation M482 Datasheet HTML 86Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 401 page
background image
Mar 30, 2018
Page 82 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
32
Pin
48
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
SC0_DAT
I/O
MFP6
Smart Card 0 data pin.
UART0_TXD
O
MFP7
UART0 data transmitter output pin.
UART1_nCTS
I
MFP8
UART1 clear to Send input pin.
I2C2_SCL
I/O
MFP9
I2C2 clock pin.
BPWM0_CH1
I/O
MFP12
BPWM0 channel 1 output/capture input.
EPWM0_CH4
I/O
MFP13
EPWM0 channel 4 output/capture input.
DAC1_ST
I
MFP15
DAC1 external trigger input.
14
22
30
60
PA.0
I/O
MFP0
General purpose digital I/O pin.
SPIM_MOSI
I/O
MFP2
SPIM MOSI (Master Out, Slave In) pin.
QSPI0_MOSI0
I/O
MFP3
Quad SPI0 MOSI0 (Master Out, Slave In) pin.
SPI0_MOSI
I/O
MFP4
SPI0 MOSI (Master Out, Slave In) pin.
SD1_DAT0
I/O
MFP5
SD/SDIO1 data line bit 0.
SC0_CLK
O
MFP6
Smart Card 0 clock pin.
UART0_RXD
I
MFP7
UART0 data receiver input pin.
UART1_nRTS
O
MFP8
UART1 request to Send output pin.
I2C2_SDA
I/O
MFP9
I2C2 data input/output pin.
BPWM0_CH0
I/O
MFP12
BPWM0 channel 0 output/capture input.
EPWM0_CH5
I/O
MFP13
EPWM0 channel 5 output/capture input.
DAC0_ST
I
MFP15
DAC0 external trigger input.
15
23
31
61
VDDIO
P
MFP0
Power supply for PA.0~PA.5.
62
PE.14
I/O
MFP0
General purpose digital I/O pin.
EBI_AD8
I/O
MFP2
EBI address/data bus bit 8.
UART2_TXD
O
MFP3
UART2 data transmitter output pin.
CAN0_TXD
O
MFP4
CAN0 bus transmitter output.
SD1_nCD
I
MFP5
SD/SDIO1 card detect input pin
63
PE.15
I/O
MFP0
General purpose digital I/O pin.
EBI_AD9
I/O
MFP2
EBI address/data bus bit 9.
UART2_RXD
I
MFP3
UART2 data receiver input pin.
CAN0_RXD
I
MFP4
CAN0 bus receiver input.
16
24
32
64
nRESET
I
MFP0
External reset input: active LOW, with an internal pull-up.
Set this pin low reset to initial state.
17
25
33
65
PF.0
I/O
MFP0
General purpose digital I/O pin.
UART1_TXD
O
MFP2
UART1 data transmitter output pin.
I2C1_SCL
I/O
MFP3
I2C1 clock pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com