Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 81 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 81 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 77Page - Nuvoton Technology Corporation M482 Datasheet HTML 78Page - Nuvoton Technology Corporation M482 Datasheet HTML 79Page - Nuvoton Technology Corporation M482 Datasheet HTML 80Page - Nuvoton Technology Corporation M482 Datasheet HTML 81Page - Nuvoton Technology Corporation M482 Datasheet HTML 82Page - Nuvoton Technology Corporation M482 Datasheet HTML 83Page - Nuvoton Technology Corporation M482 Datasheet HTML 84Page - Nuvoton Technology Corporation M482 Datasheet HTML 85Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 401 page
background image
Mar 30, 2018
Page 81 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
32
Pin
48
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
I2C0_SDA
I/O
MFP9
I2C0 data input/output pin.
CAN0_RXD
I
MFP10
CAN0 bus receiver input.
BPWM0_CH4
I/O
MFP12
BPWM0 channel 4 output/capture input.
EPWM0_CH1
I/O
MFP13
EPWM0 channel 1 output/capture input.
QEI0_A
I
MFP14
Quadrature encoder 0 phase A input
11
19
27
57
PA.3
I/O
MFP0
General purpose digital I/O pin.
SPIM_SS
I/O
MFP2
SPIM slave select pin.
QSPI0_SS
I/O
MFP3
Quad SPI0 slave select pin.
SPI0_SS
I/O
MFP4
SPI0 slave select pin.
SD1_DAT3
I/O
MFP5
SD/SDIO1 data line bit 3.
SC0_PWR
O
MFP6
Smart Card 0 power pin.
UART4_TXD
O
MFP7
UART4 data transmitter output pin.
UART1_TXD
O
MFP8
UART1 data transmitter output pin.
I2C1_SCL
I/O
MFP9
I2C1 clock pin.
BPWM0_CH3
I/O
MFP12
BPWM0 channel 3 output/capture input.
EPWM0_CH2
I/O
MFP13
EPWM0 channel 2 output/capture input.
QEI0_B
I
MFP14
Quadrature encoder 0 phase B input
12
20
28
58
PA.2
I/O
MFP0
General purpose digital I/O pin.
SPIM_CLK
I/O
MFP2
SPIM serial clock pin.
QSPI0_CLK
I/O
MFP3
Quad SPI0 serial clock pin.
SPI0_CLK
I/O
MFP4
SPI0 serial clock pin.
SD1_DAT2
I/O
MFP5
SD/SDIO1 data line bit 2.
SC0_RST
O
MFP6
Smart Card 0 reset pin.
UART4_RXD
I
MFP7
UART4 data receiver input pin.
UART1_RXD
I
MFP8
UART1 data receiver input pin.
I2C1_SDA
I/O
MFP9
I2C1 data input/output pin.
BPWM0_CH2
I/O
MFP12
BPWM0 channel 2 output/capture input.
EPWM0_CH3
I/O
MFP13
EPWM0 channel 3 output/capture input.
13
21
29
59
PA.1
I/O
MFP0
General purpose digital I/O pin.
SPIM_MISO
I/O
MFP2
SPIM MISO (Master In, Slave Out) pin.
QSPI0_MISO0
I/O
MFP3
Quad SPI0 MISO0 (Master In, Slave Out) pin.
SPI0_MISO
I/O
MFP4
SPI0 MISO (Master In, Slave Out) pin.
SD1_DAT1
I/O
MFP5
SD/SDIO1 data line bit 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com