Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 85 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 85 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 81Page - Nuvoton Technology Corporation M482 Datasheet HTML 82Page - Nuvoton Technology Corporation M482 Datasheet HTML 83Page - Nuvoton Technology Corporation M482 Datasheet HTML 84Page - Nuvoton Technology Corporation M482 Datasheet HTML 85Page - Nuvoton Technology Corporation M482 Datasheet HTML 86Page - Nuvoton Technology Corporation M482 Datasheet HTML 87Page - Nuvoton Technology Corporation M482 Datasheet HTML 88Page - Nuvoton Technology Corporation M482 Datasheet HTML 89Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 401 page
background image
Mar 30, 2018
Page 85 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
32
Pin
48
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
SPI1_CLK
I/O
MFP7
SPI1 serial clock pin.
UART2_TXD
O
MFP8
UART2 data transmitter output pin.
I2C0_SCL
I/O
MFP9
I2C0 clock pin.
EPWM1_CH4
I/O
MFP12
EPWM1 channel 4 output/capture input.
ACMP0_O
O
MFP14
Analog comparator 0 output pin.
20
32
40
74
PC.0
I/O
MFP0
General purpose digital I/O pin.
EBI_AD0
I/O
MFP2
EBI address/data bus bit 0.
SPIM_MOSI
I/O
MFP3
SPIM MOSI (Master Out, Slave In) pin.
QSPI0_MOSI0
I/O
MFP4
Quad SPI0 MOSI0 (Master Out, Slave In) pin.
SC1_CLK
O
MFP5
Smart Card 1 clock pin.
I2S0_LRCK
O
MFP6
I2S0 left right channel clock output pin.
SPI1_SS
I/O
MFP7
SPI1 slave select pin.
UART2_RXD
I
MFP8
UART2 data receiver input pin.
I2C0_SDA
I/O
MFP9
I2C0 data input/output pin.
EPWM1_CH5
I/O
MFP12
EPWM1 channel 5 output/capture input.
ACMP1_O
O
MFP14
Analog comparator 1 output pin.
75
VSS
P
MFP0
Ground pin for digital circuit.
76
VDD
P
MFP0
Power supply for I/O ports and LDO source for internal
PLL and digital circuit.
77
PG.9
I/O
MFP0
General purpose digital I/O pin.
EBI_AD0
I/O
MFP2
EBI address/data bus bit 0.
SD1_DAT3
I/O
MFP3
SD/SDIO1 data line bit 3.
SPIM_D2
I/O
MFP4
SPIM data 2 pin for Quad Mode I/O.
BPWM0_CH5
I/O
MFP12
BPWM0 channel 5 output/capture input.
78
PG.10
I/O
MFP0
General purpose digital I/O pin.
EBI_AD1
I/O
MFP2
EBI address/data bus bit 1.
SD1_DAT2
I/O
MFP3
SD/SDIO1 data line bit 2.
SPIM_D3
I/O
MFP4
SPIM data 3 pin for Quad Mode I/O.
BPWM0_CH4
I/O
MFP12
BPWM0 channel 4 output/capture input.
79
PG.11
I/O
MFP0
General purpose digital I/O pin.
EBI_AD2
I/O
MFP2
EBI address/data bus bit 2.
SD1_DAT1
I/O
MFP3
SD/SDIO1 data line bit 1.
SPIM_SS
I/O
MFP4
SPIM slave select pin.
BPWM0_CH3
I/O
MFP12
BPWM0 channel 3 output/capture input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com