Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 11 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 11 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 7Page - Nuvoton Technology Corporation M482 Datasheet HTML 8Page - Nuvoton Technology Corporation M482 Datasheet HTML 9Page - Nuvoton Technology Corporation M482 Datasheet HTML 10Page - Nuvoton Technology Corporation M482 Datasheet HTML 11Page - Nuvoton Technology Corporation M482 Datasheet HTML 12Page - Nuvoton Technology Corporation M482 Datasheet HTML 13Page - Nuvoton Technology Corporation M482 Datasheet HTML 14Page - Nuvoton Technology Corporation M482 Datasheet HTML 15Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 401 page
background image
Mar 30, 2018
Page 11 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
1
GENERAL DESCRIPTION
The NuMicro® M480 series 32-bit microcontroller powered by Arm® Cortex® -M4F with DSP
extension runs up to 192 MHz with 175µA/MHz power consumption. Its 256/512 KB embedded Flash
memory in dual-bank architecture supports Over-The-Air firmware upgrade. The 96/160 KB embedded
SRAM includes 32 KB cache for speeding up code execution from the external SPI Flash. Built-in 4
KB Secure Protection ROM provides a safe space for saving confidential program or data. System
supports a wide voltage range from 1.8V to 3.6V in industrial operating temperature from -40°C to
105°C.
The M480 series is equipped with a large number of high speed digital peripherals, such as a USB 2.0
high speed interface with on-chip transceiver working in device/host/OTG mode, a USB 2.0 full speed
interface with on-chip transceiver working in device/host/OTG mode, up to nine UART interfaces
including three ISO-7816-3 interfaces, up to four composite SPI/I
2S interfaces, a Quad-SPI interface, a
SPI Flash interface supporting quad mode, three I
2C interfaces, a 192 kHz/32-bit I2S interface, two
SDIO interfaces, two CAN 2.0B interfaces, two QEI interfaces, a 10/100 Mbps Ethernet MAC
supporting RMII and two Universal Serial Control Interfaces which can be configured as UART, SPI or
I
2C. The M480 series also supports 16 channels peripheral DMA and up to 32 channels PWM running
up to 192 MHz.
The M480 series provides high performance analog peripherals, such as a 12-bit 5MSPS SAR ADC
with up to 16 channels, two 12-bit 1MSPS DAC, two analog comparators and three operational
amplifiers, as well as a built-in hardware cryptography accelerator that supports ECC, AES, DES,
triple DES, SHA, HMAC and a random number generator (RNG).
The NuMicro® M480 series includes the following sub-series:
NuMicro® M481 Base series: Delivers high performance computing power with low
power consumption for running complex algorithm.
NuMicro® M482 USB FS OTG series: Built-in USB 2.0 full speed interface with on-chip
OTG transceiver working in device/host/OTG mode.
NuMicro® M483 CAN series: Built-in two sets of CAN 2.0B bus interfaces.
NuMicro® M484 USB HS OTG series: Built-in USB 2.0 high speed interface with on-chip
OTG transceiver working in device/host/OTG mode.
NuMicro® M485 Crypto series: Built-in hardware cryptography engine and random
number generator.
NuMicro® M487 Ethernet series: Built-in 10/100Mbps Ethernet MAC supports industrial
RMII, MDC and MDIO for communicating with an external transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com