| Electronic Components Datasheet Search |
|
M482 Datasheet(PDF) 18 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M482 Datasheet(HTML) 18 Page - Nuvoton Technology Corporation |
|
18 / 401 page ![]() Mar 30, 2018 Page 18 of 401 Rev 1.00 NuMicro ® M480 32-bit ARM ® Cortex ® -M4F Microcontrolle r Configurable bit length of a transfer word from 8 to 32-bit Provides separate 8-level depth transmit and receive FIFO buffers Supports MSB first or LSB first transfer sequence Supports the byte reorder function Supports Byte or Word Suspend mode Supports 3-wired, no slave select signal, bi-direction interface PDMA operation. SPI/I 2S Up to four sets of SPI/I 2S controllers with Master/Slave mode. SPI/I 2S provides separate 4-level of 32-bit (or 8-level of 16-bit) transmit and receive FIFO buffers. SPI SPI can communicate at up to 96 Mbit/s Configurable bit length of a transfer word from 8 to 32-bit. MSB first or LSB first transfer sequence. Byte reorder function. Supports Byte or Word Suspend mode. Supports one data channel half-duplex transfer. Supports receive-only mode. I 2S Supports mono and stereo audio data with 8-, 16-, 24- and 32-bit audio data sizes. Supports PCM mode A, PCM mode B, I 2S and MSB justified data format. PDMA operation. I 2S One set of I 2S interface with Master/Slave mode. Supports mono and stereo audio data with 8-, 16-, 24- and 32-bit word sizes. Two 16-level FIFO data buffers, one for transmitting and the other for receiving. Supports I 2S protocols: Philips standard, MSB-justified, and LSB- justified data format. Supports PCM protocols: PCM standard, MSB-justified, and LSB- justified data format. PCM protocol supports TDM multi-channel transmission in one audio sample; the number of data channel can be set as 2, 4, 6 or 8. PDMA operation. Universal Serial Control Interface (USCI) Two sets of USCI,configured as UART, SPI or I 2C function. Supports single byte TX and RX buffer mode UART Supports one transmit buffer and two receive buffers for data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |