Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 7 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 7 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 3Page - Nuvoton Technology Corporation M482 Datasheet HTML 4Page - Nuvoton Technology Corporation M482 Datasheet HTML 5Page - Nuvoton Technology Corporation M482 Datasheet HTML 6Page - Nuvoton Technology Corporation M482 Datasheet HTML 7Page - Nuvoton Technology Corporation M482 Datasheet HTML 8Page - Nuvoton Technology Corporation M482 Datasheet HTML 9Page - Nuvoton Technology Corporation M482 Datasheet HTML 10Page - Nuvoton Technology Corporation M482 Datasheet HTML 11Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 401 page
background image
Mar 30, 2018
Page 7 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
8.8SPI Dynamic Characteristics ................................................................................................379
8.9I
2S Dynamic Characteristics..................................................................................................382
8.10
USCI - I
2C Dynamic Characteristics ............................................................................384
8.11
USCI - SPI Dynamic Characteristics ...........................................................................385
8.12
USB Characteristics.....................................................................................................388
8.12.1 USB Full-Speed............................................................................................................388
8.12.2 USB Full-Speed PHY characteristics............................................................................388
8.12.3 USB High-Speed characteristics ..................................................................................388
8.13
Ethernet Characteristics ..............................................................................................389
8.13.1 RMII Interface Timing ...................................................................................................389
8.13.2 Ethernet PHY Management Interface Timing ...............................................................389
8.14
SDIO Characteristics ...................................................................................................391
8.14.1 Default Mode Timing ....................................................................................................391
8.14.2 SDIO Dynamic characteristics ......................................................................................391
9 PACKAGE OUTLINE DRAWING .................................................................. 393
9.1QFN 33L (5x5x0.8 mm
3 Pitch 0.5 mm) .................................................................................393
9.2LQFP 48L (7x7x1.4 mm
3 Footprint 2.0mm) ..........................................................................394
9.3LQFP 64L (7x7x1.4 mm
3 footprint 2.0 mm) ..........................................................................395
9.4LQFP 128L (14x14x1.4 mm
3 footprint 2.0 mm) ....................................................................396
9.5LQFP 144L (20x20x1.4 mm
3 footprint 2.0 mm) ....................................................................397
10 ABBREVIATION ......................................................................................... 398
10.1
Abbreviations ...............................................................................................................398
11 REVISION HISTORY .................................................................................. 400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com