Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 6 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 6 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 2Page - Nuvoton Technology Corporation M482 Datasheet HTML 3Page - Nuvoton Technology Corporation M482 Datasheet HTML 4Page - Nuvoton Technology Corporation M482 Datasheet HTML 5Page - Nuvoton Technology Corporation M482 Datasheet HTML 6Page - Nuvoton Technology Corporation M482 Datasheet HTML 7Page - Nuvoton Technology Corporation M482 Datasheet HTML 8Page - Nuvoton Technology Corporation M482 Datasheet HTML 9Page - Nuvoton Technology Corporation M482 Datasheet HTML 10Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 401 page
background image
Mar 30, 2018
Page 6 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
6.39.2 Features .......................................................................................................................340
6.40
OP Amplifier (OPA)......................................................................................................341
6.40.1 Overview ......................................................................................................................341
6.40.2 Features .......................................................................................................................341
7 APPLICATION CIRCUIT................................................................................ 342
7.1Power Supply Scheme with External Vref ............................................................................342
7.2Power Supply Scheme with Internal Vref..............................................................................343
7.3Power Supply Scheme with VREF and External RTC with Battery Power .............................344
7.4Power Supply Scheme with VREF and Internal RTC with Battery Power ..............................345
7.5Peripheral Application Scheme.............................................................................................346
8 ELECTRICAL CHARACTERISTICS.............................................................. 348
8.1Absolute Maximum Ratings ..................................................................................................348
8.1.1
Voltage Characteristics.................................................................................................348
8.1.2
Current Characteristics.................................................................................................348
8.1.3
Thermal Characteristics................................................................................................348
8.1.4
EMC Characteristics .....................................................................................................349
8.2General Operating Conditions ..............................................................................................350
8.3DC Electrical Characteristics ................................................................................................351
8.3.1
Typical Current Consumption .......................................................................................351
8.3.2
On-chip Peripheral Current Consumption.....................................................................358
8.3.3
Wakeup Time ...............................................................................................................359
8.3.4
PIN DC Characteristics.................................................................................................360
8.4AC Electrical Characteristics.................................................................................................362
8.4.1
External 4~24 MHz High Speed Crystal (HXT) characteristics.....................................362
8.4.2
External 4~24 MHz High Speed Clock Input (OSC) Characteristics.............................363
8.4.3
External 32.768 kHz Low Speed Crystal (LXT) characteristics ....................................364
8.4.4
External 32.768 kHz Low Speed Clock Input (OSC) Characteristics............................365
8.4.5
12 MHz Internal High Speed RC Oscillator (HIRC) ......................................................365
8.4.6
10 kHz Internal Low Speed RC Oscillator (LIRC) .........................................................366
8.4.7
PLL Characteristics ......................................................................................................366
8.4.8
PIN AC Characteristics.................................................................................................366
8.5Analog Electrical Characteristics ..........................................................................................368
8.5.1
LDO ..............................................................................................................................368
8.5.2
Low-Voltage Reset .......................................................................................................368
8.5.3
Brown-out Detector.......................................................................................................368
8.5.4
Power-on Reset............................................................................................................369
8.5.5
Internal Voltage Reference...........................................................................................369
8.5.6
12-bit ADC....................................................................................................................370
8.5.7
Temperature Sensor.....................................................................................................373
8.5.8
Digital to Analog Converter (DAC)................................................................................373
8.5.9
Analog Comparator Controller (ACMP) ........................................................................375
8.5.10 OP Amplifier (OPA) ......................................................................................................375
8.6Flash DC Electrical Characteristic ........................................................................................377
8.7I
2C Dynamic Characteristics .................................................................................................378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com