Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 91 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 91 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 87Page - Nuvoton Technology Corporation M482 Datasheet HTML 88Page - Nuvoton Technology Corporation M482 Datasheet HTML 89Page - Nuvoton Technology Corporation M482 Datasheet HTML 90Page - Nuvoton Technology Corporation M482 Datasheet HTML 91Page - Nuvoton Technology Corporation M482 Datasheet HTML 92Page - Nuvoton Technology Corporation M482 Datasheet HTML 93Page - Nuvoton Technology Corporation M482 Datasheet HTML 94Page - Nuvoton Technology Corporation M482 Datasheet HTML 95Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 401 page
background image
Mar 30, 2018
Page 91 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
32
Pin
48
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
EBI_AD10
I/O
MFP2
EBI address/data bus bit 10.
QSPI0_MISO0
I/O
MFP3
Quad SPI0 MISO0 (Master In, Slave Out) pin.
SC2_DAT
I/O
MFP4
Smart Card 2 data pin.
I2S0_BCLK
O
MFP5
I2S0 bit clock output pin.
SPI1_MISO
I/O
MFP6
SPI1 MISO (Master In, Slave Out) pin.
UART3_TXD
O
MFP7
UART3 data transmitter output pin.
I2C1_SCL
I/O
MFP8
I2C1 clock pin.
UART4_nCTS
I
MFP9
UART4 clear to Send input pin.
106 PE.0
I/O
MFP0
General purpose digital I/O pin.
EBI_AD11
I/O
MFP2
EBI address/data bus bit 11.
QSPI0_MOSI0
I/O
MFP3
Quad SPI0 MOSI0 (Master Out, Slave In) pin.
SC2_CLK
O
MFP4
Smart Card 2 clock pin.
I2S0_MCLK
O
MFP5
I2S0 master clock output pin.
SPI1_MOSI
I/O
MFP6
SPI1 MOSI (Master Out, Slave In) pin.
UART3_RXD
I
MFP7
UART3 data receiver input pin.
I2C1_SDA
I/O
MFP8
I2C1 data input/output pin.
UART4_nRTS
O
MFP9
UART4 request to Send output pin.
107 PH.8
I/O
MFP0
General purpose digital I/O pin.
EBI_AD12
I/O
MFP2
EBI address/data bus bit 12.
QSPI0_CLK
I/O
MFP3
Quad SPI0 serial clock pin.
SC2_PWR
O
MFP4
Smart Card 2 power pin.
I2S0_DI
I
MFP5
I2S0 data input pin.
SPI1_CLK
I/O
MFP6
SPI1 serial clock pin.
UART3_nRTS
O
MFP7
UART3 request to Send output pin.
I2C1_SMBAL
O
MFP8
I2C1 SMBus SMBALTER pin
I2C2_SCL
I/O
MFP9
I2C2 clock pin.
UART1_TXD
O
MFP10
UART1 data transmitter output pin.
108 PH.9
I/O
MFP0
General purpose digital I/O pin.
EBI_AD13
I/O
MFP2
EBI address/data bus bit 13.
QSPI0_SS
I/O
MFP3
Quad SPI0 slave select pin.
SC2_RST
O
MFP4
Smart Card 2 reset pin.
I2S0_DO
O
MFP5
I2S0 data output pin.
SPI1_SS
I/O
MFP6
SPI1 slave select pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com