Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 22 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 22 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 18Page - Nuvoton Technology Corporation M482 Datasheet HTML 19Page - Nuvoton Technology Corporation M482 Datasheet HTML 20Page - Nuvoton Technology Corporation M482 Datasheet HTML 21Page - Nuvoton Technology Corporation M482 Datasheet HTML 22Page - Nuvoton Technology Corporation M482 Datasheet HTML 23Page - Nuvoton Technology Corporation M482 Datasheet HTML 24Page - Nuvoton Technology Corporation M482 Datasheet HTML 25Page - Nuvoton Technology Corporation M482 Datasheet HTML 26Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 401 page
background image
Mar 30, 2018
Page 22 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
endpoints; each can be Isochronous, Bulk or Interrupt and either IN
or OUT direction.
4096 bytes configurable RAM for endpoint buffer and up to 1024
bytes maximum packet size.
Three different operation modes of an in-endpoint: Auto Validation
mode, Manual Validation mode and Fly mode.
Suspend, resume and remote wake-up capability.
Built-in DMA.
Ethernet MAC
IEEE Std. 802.3 CSMA/CD protocol.
Ethernet frame time stamping for IEEE Std. 1588
– 2002 protocol.
Supports both half and full duplex for 10 Mbps or 100 Mbps
operation.
RMII (Reduced Media Independent Interface) and serial
management interface (MDC/MDIO).
Pause and remote pause function for flow control.
Long frame (more than 1518 bytes) and short frame (less than 64
bytes) reception.
CAM function for Ethernet MAC address recognition.
Supports Magic Packet recognition to wake system up from Power-
down mode.
Built-in DMA.
Cryptography Accelerator
Elliptic Curve
Cryptography (ECC)
Hardware ECC accelerator.
Supports 192-bit and 256-bit key length.
Supports both prime field GF(p) and binary field GF(2m).
Supports NIST P-192, P-224, P-256, P-384 and P-521 curve sizes.
Supports NIST B-163, B-233, B-283, B-409 and B-571 curve sizes.
Supports NIST K-163, K-233, K-283, K-409 and K-571 curve sizes.
Supports point multiplication, addition and doubling operations in
GF(p) and GF(2m).
Supports modulus division, multiplication, addition and subtraction
operations in GF(p).
Advanced Encryption
Standard (AES)
Hardware AES accelerator.
Supports 128-bit, 192-bit and 256-bit key length and key expander,
and is compliant with FIPS 197.
Supports ECB, CBC, CFB, OFB, CTR, CBC-CS1, CBC-CS2 and
CBC-CS3 block cipher modes
Compliant with NIST SP800-38A and addendum.
Data Encryption Standard
(DES)
Hardware DES accelerator.
Supports ECB, CBC, CFB, OFB, and CTR block cipher mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com