Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 17 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 17 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 13Page - Nuvoton Technology Corporation M482 Datasheet HTML 14Page - Nuvoton Technology Corporation M482 Datasheet HTML 15Page - Nuvoton Technology Corporation M482 Datasheet HTML 16Page - Nuvoton Technology Corporation M482 Datasheet HTML 17Page - Nuvoton Technology Corporation M482 Datasheet HTML 18Page - Nuvoton Technology Corporation M482 Datasheet HTML 19Page - Nuvoton Technology Corporation M482 Datasheet HTML 20Page - Nuvoton Technology Corporation M482 Datasheet HTML 21Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 401 page
background image
Mar 30, 2018
Page 17 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
8-bit receiver FIFO time-out detection function
Supports break error, frame error, parity error and receive/transmit
FIFO overflow detection function
PDMA operation.
Smart Card Interface
Three sets of ISO-7816-3 which are compliant with ISO-7816-3
T=0, T=1
Supports full duplex UART function.
4-byte FIFOs with programmable level trigger
Programmable guard time selection (11 ETU ~ 266 ETU)
One 24-bit and two 8 bit time-out counters for Answer to Request
(ATR) and waiting times processing
Auto inverse convention function
Stop clock level and clock stop (clock keep) function
Transmitter and receiver error retry function
Supports hardware activation, deactivation and warm reset
sequence process
Supports hardware auto deactivation sequence after card removal.
I
2C
Three sets of I
2C devices with Master/Slave mode.
Supports Standard mode (100 kbps), Fast mode (400 kbps) and
Fast mode plus (1 Mbps)
Supports 10 bits mode
Programmable clocks allowing for versatile rate control
Supports multiple address recognition (four slave address with
mask option)
Supports SMBus and PMBus
Supports multi-address power-down wake-up function
PDMA operation
SPI Master (SPI Flash)
Maximum 32 MB external SPI Flash memory with standard (1-bit),
dual (2-bit) and quad (4-bit) transfer mode.
32 KB cache memory for enhancing program execution
performance.
64-bit key length for code protection.
DMA mode for code transfer between SPI Flash memory and
SRAM.
SPI Master function with 8-, 16-, 24-, and 32-bit length of
transaction and burst mode operation, which can transmit/receive
data up to four successive transactions in one transfer.
Quad SPI
One set of SPI Quad controller with Master/Slave mode, up to 96
MHz at 2.7V~3.6V stsyem voltage.
Supports Dual and Quad I/O Transfer mode
Supports one/two data channel half-duplex transfer
Supports receive-only mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com