Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 19 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 19 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 15Page - Nuvoton Technology Corporation M482 Datasheet HTML 16Page - Nuvoton Technology Corporation M482 Datasheet HTML 17Page - Nuvoton Technology Corporation M482 Datasheet HTML 18Page - Nuvoton Technology Corporation M482 Datasheet HTML 19Page - Nuvoton Technology Corporation M482 Datasheet HTML 20Page - Nuvoton Technology Corporation M482 Datasheet HTML 21Page - Nuvoton Technology Corporation M482 Datasheet HTML 22Page - Nuvoton Technology Corporation M482 Datasheet HTML 23Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 401 page
background image
Mar 30, 2018
Page 19 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
payload.
Supports hardware auto flow control function and programmable
flow control trigger level.
9-bit Data Transfer.
Baud rate detection by built-in capture event of baud rate generator.
Supports wake-up function.
PDMA operation.
SPI
Supports Master or Slave mode operation.
Supports one transmit buffer and two receive buffer for data
payload.
Supports additional receive/transmit 16 entries FIFO for data
payload.
Configurable bit length of a transfer word from 4 to 16-bit (SPI Quad
transmission only supports 8 to 16-bit of word length).
Supports MSB first or LSB first transfer sequence.
Supports Word Suspend function.
Supports 3-wire, no slave select signal, bi-direction interface.
Supports wake-up function: input slave select transition.
PDMA operation.
I
2C
Supports master and slave device capability.
Supports one transmit buffer and two receive buffer for data
payload.
Communication in standard mode (100 kbps), fast mode (up to 400
kbps), and Fast mode plus (1 Mbps).
Supports 10-bit mode.
Supports 10-bit bus time out capability.
Supports bus monitor mode.
Supports power-down wake-up by data toggle or address match.
Supports multiple address recognition.
Supports device address flag.
Programmable setup/hold time.
Controller Area Network
(CAN)
Two sets of CAN 2.0B controllers.
Each supports 32 Message Objects; each Message Object has its
own identifier mask.
Programmable FIFO mode (concatenation of Message Object).
Disabled Automatic Re-transmission mode for Time Triggered CAN
applications.
Supports power-down wake-up function.
Secure Digital Host
Controller (SDHC)
Two sets of Secure Digital Host Controllers, compliant with SD
Memory Card Specification Version 2.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com