Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 102 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 102 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 98Page - Nuvoton Technology Corporation M482 Datasheet HTML 99Page - Nuvoton Technology Corporation M482 Datasheet HTML 100Page - Nuvoton Technology Corporation M482 Datasheet HTML 101Page - Nuvoton Technology Corporation M482 Datasheet HTML 102Page - Nuvoton Technology Corporation M482 Datasheet HTML 103Page - Nuvoton Technology Corporation M482 Datasheet HTML 104Page - Nuvoton Technology Corporation M482 Datasheet HTML 105Page - Nuvoton Technology Corporation M482 Datasheet HTML 106Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 401 page
background image
Mar 30, 2018
Page 102 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
64
Pin
128
Pin
Pin Name
Type
MFP
Description
SPI2_I2SMCLK
I/O
MFP4
SPI2 I2S master clock output pin
CAN1_TXD
O
MFP5
CAN1 bus transmitter output.
USCI0_CTL0
I/O
MFP6
USCI0 control 0 pin.
UART2_TXD
O
MFP7
UART2 data transmitter output pin.
BPWM0_CH4
I/O
MFP9
BPWM0 channel 4 output/capture input.
CLKO
O
MFP13
Clock Out
EADC0_ST
I
MFP14
EADC0 external trigger input.
18 PD.12
I/O
MFP0
General purpose digital I/O pin.
OPA2_O
A
MFP1
Operational amplifier 2 output pin.
EBI_nCS0
O
MFP2
EBI chip select 0 output pin.
CAN1_RXD
I
MFP5
CAN1 bus receiver input.
UART2_RXD
I
MFP7
UART2 data receiver input pin.
BPWM0_CH5
I/O
MFP9
BPWM0 channel 5 output/capture input.
QEI0_INDEX
I
MFP10
Quadrature encoder 0 index input
CLKO
O
MFP13
Clock Out
EADC0_ST
I
MFP14
EADC0 external trigger input.
INT5
I
MFP15
External interrupt 5 input pin.
19 PD.11
I/O
MFP0
General purpose digital I/O pin.
OPA2_N
A
MFP1
Operational amplifier 2 negative input pin.
EBI_nCS1
O
MFP2
EBI chip select 1 output pin.
UART1_TXD
O
MFP3
UART1 data transmitter output pin.
CAN0_TXD
O
MFP4
CAN0 bus transmitter output.
QEI0_A
I
MFP10
Quadrature encoder 0 phase A input
INT6
I
MFP15
External interrupt 6 input pin.
20 PD.10
I/O
MFP0
General purpose digital I/O pin.
OPA2_P
A
MFP1
Operational amplifier 2 positive input pin.
EBI_nCS2
O
MFP2
EBI chip select 2 output pin.
UART1_RXD
I
MFP3
UART1 data receiver input pin.
CAN0_RXD
I
MFP4
CAN0 bus receiver input.
QEI0_B
I
MFP10
Quadrature encoder 0 phase B input
INT7
I
MFP15
External interrupt 7 input pin.
21 PG.2
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR11
O
MFP2
EBI address bus bit 11.
SPI2_SS
I/O
MFP3
SPI2 slave select pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com