Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 32 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 32 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 28Page - Allegro MicroSystems A4964 Datasheet HTML 29Page - Allegro MicroSystems A4964 Datasheet HTML 30Page - Allegro MicroSystems A4964 Datasheet HTML 31Page - Allegro MicroSystems A4964 Datasheet HTML 32Page - Allegro MicroSystems A4964 Datasheet HTML 33Page - Allegro MicroSystems A4964 Datasheet HTML 34Page - Allegro MicroSystems A4964 Datasheet HTML 35Page - Allegro MicroSystems A4964 Datasheet HTML 36Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
32
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
When the MOSFET reaches the fully on state, the gate drive
output changes from current drive to voltage drive to hold the
MOSFET in the on state.
A high-side MOSFET is considered to be in the fully on state
when the drain-source voltage, VDS (= VBB – VSx), drops below
the programmed VDS threshold voltage, VDST.
A low-side MOSFET is considered to be in the fully on state
when the drain-source voltage, VDS (= VSx – VGND), drops below
the programmed VDS threshold voltage, VDST.
When a gate drive is commanded to turn off in slew control
mode, a current, IF1 (defined by IF1[3:0]) is sinked to the relevant
gate drive output for a duration, tFS (defined by TFS[3:0]).
These parameters should typically be set to quickly discharge
the MOSFET input capacitance such that the gate-source voltage
drops to close to the Miller voltage of the MOSFET. The drain-
source voltage of the MOSFET will not start to change until the
gate-source voltage reaches this level. After this time, the current
sourced on the gate drive output is set to a value of IF2 (as defined
by IF2[3:0]) and remains at this value while the MOSFET transi-
tions through the Miller region. IF2 should be selected to achieve
the required slew rate of the drain-source voltage by setting the
discharge time of the drain-gate (Miller) capacitor.
When the MOSFET reaches the fully off state the gate drive
output changes from current drive to voltage drive to hold the
MOSFET in the off state.
A high-side MOSFET is considered to be in the fully off state
when the drain-source voltage of its complementary low-side
MOSFET, VDS (= VSx – VGND), drops below the programmed
VDS threshold voltage, VDST.
VGS
High-Side
VGS
Low-Side
Min
tDEAD
Min
tDEAD
VTO
VTO
Figure 15: Minimum Dead Time
A low-side MOSFET is considered to be in the fully off state
when the drain-source voltage of its complementary high-side
MOSFET, VDS (= VBB – VSx), drops below the programmed VDS
threshold voltage, VDST.
DEAD TIME
To prevent shoot-through (transient cross-conduction) in any
phase of the power MOSFET bridge, it is necessary to have a
dead-time delay between a high- or low-side turn off and the next
complementary turn-on event. The potential for cross-conduction
occurs when any complementary high-side and low-side pair of
MOSFETs is switched at the same time, for example, at the PWM
switch point. In the A4964, the dead time for all three phases is
set by the contents of the DT[5:0] bits. These six bits contain a
positive integer that determines the dead time by division from
the system clock.
The dead time is defined as:
tDEAD = n × 50 ns
where n is a positive integer defined by DT[5:0] and tDEAD has a
minimum value of 100 ns.
For example, when DT[5:0] contains [01 1000] (= 24 in decimal),
then tDEAD = 1.2 µs, typically.
The accuracy of tDEAD is determined by the accuracy of the sys-
tem clock as defined in the electrical characteristics table. A value
of 0, 1, or 2 in DT[5:0] will set the minimum dead time of 100 ns.
The value of the dead time should be selected such that the gate-
source voltage of any pair of complementary MOSFETs is never
above the threshold voltage for both MOSFET at the same time
as shown in Figure 15. This applies in either the slew control
mode or the switch mode. In the slew control mode, the dead time
must be increased to accommodate the extended switching times.
PWM FREQUENCY
In all control modes, the base frequency of the bridge PWM
signal is fixed by the value of the base PWM period, tPW. This
base frequency can be altered by the frequency dither function
described below.
The PWM waveforms applied to each phase of the bridge can
be aligned in two ways selected by the PMD bit. When PMD is
set to 0, the bridge is in center-aligned mode and the three-phase
PWM waveforms are centered about a common point in time,
as shown in Figure 10a. When PMD is set to 1, the bridge is in
edge-aligned mode and the three-phase PWM waveforms all
change from low to high at the same time as shown in Figure 10b.
In both modes, the period of the PWM frequency is set by the
PW[5:0] variable. The six bits of PW contain a positive integer
that determines the PWM period derived by division from the
system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com