Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 72 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 72 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 68Page - Allegro MicroSystems A4964 Datasheet HTML 69Page - Allegro MicroSystems A4964 Datasheet HTML 70Page - Allegro MicroSystems A4964 Datasheet HTML 71Page - Allegro MicroSystems A4964 Datasheet HTML 72Page - Allegro MicroSystems A4964 Datasheet HTML 73Page - Allegro MicroSystems A4964 Datasheet HTML 74Page - Allegro MicroSystems A4964 Datasheet HTML 75Page - Allegro MicroSystems A4964 Datasheet HTML 76Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
72
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Serial Register Reference
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
24: NVM Write
1
1
0
0
0
WR
SAV1 SAV0
P
0
0
0
0
0
0
0
0
0
25: System
1
1
0
0
1
WR
ESF
VLR
VRG OPM LWK
IPI
DIL
CM1
CM0
P
1
0
1
0
0
0
0
0
0
Register 24: Write NVM Control
SAV[1:0] Save Parameters to Non-Volatile Memory (NVM)
When SAV[1:0] is changed from 01 to 10, the present con-
tents of registers 0 to 23, 25 to 29, and bits [10:3] of register
30 (DI[9:2]) will be written to NVM.
When the NVM save has completed successfully, SAV[1:0]
will be set to 01 and can be read to verify completion of the
write. If SAV[1:0] is reset to 00, the save has not completed
successfully.
Register 25: System Configuration
ESF
Enable Stop On Fail Select
ESF
Stop on Fail
Default
0
No stop on fail
1
Stop on fail
D
VLR
Logic Regulator Voltage
VLR
Logic Regulator Voltage
Default
0
3.3 V
D
1
5 V
VRG
Gate Drive Regulator Voltage
VRG
Gate Drive Regulator Voltage
Default
0
8 V
1
11 V
D
Register 25: System Configuration (continued)
OPM
Operating Mode Select
OPM
Operating Mode
Default
0
SPI only
D
1
Stand-alone with SPI
LWK
Wake Mode Select
LWK
Wake Mode
Default
0
PWM Wake Mode
D
1
LIN Wake Mode
IPI
PWM Input Sense (when OPM = 1)
IPI
PWM Sense
Default
0
True, Active high
D
1
Inverted, Active low
DIL
Disable Current Limit (Speed Modes)
DIL
Current Limit
Default
0
Enabled
D
1
Disabled
CM[1:0]
Selects Motor Control Mode
CM1
CM0
Motor Control Mode
Default
0
0
Closed-loop speed
D
0
1
Closed-loop speed
1
0
Closed-loop current
1
1
Open-loop speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com