Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 87 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 87 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 83Page - Allegro MicroSystems A4964 Datasheet HTML 84Page - Allegro MicroSystems A4964 Datasheet HTML 85Page - Allegro MicroSystems A4964 Datasheet HTML 86Page - Allegro MicroSystems A4964 Datasheet HTML 87Page - Allegro MicroSystems A4964 Datasheet HTML 88Page - Allegro MicroSystems A4964 Datasheet HTML 89Page - Allegro MicroSystems A4964 Datasheet HTML 90Page - Allegro MicroSystems A4964 Datasheet HTML 91Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
87
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Table A1b: Fault Response Actions (ESF = 1, VLU masked)
Fault Description
Disable
Outputs
RSC [7]
Fault State
Latched
Other Action
Fault State Reset
Re-Enable Outputs
No Fault
No
n/a
n/a
None
n/a
System Error
Yes [1]
n/a
Yes
RUN = 0
POR, RUN = 1
Serial Error
No
n/a
No
None
POR or SPI [3]
n/a
VBB POR
Yes [1]
n/a
No
Internal logic
shutdown & reset
Condition removed
RUN = 1
VBB Undervoltage
Yes [1]
0
Yes
None
Demand input = 0 or RUN = 0
Demand input reset [5]
or RUN reset [6]
SPI [3][4]
1
No
Condition removed
Watchdog Fault
Yes [1]
0
Yes
MCU reset
First watchdog transition after
100 ms from MRSTn going high
Demand input reset [5],
RUN reset [6], or SPI [3][4]
1
Yes
First watchdog transition after 100 ms from MRSTn going high
VREG Undervoltage
Yes [1]
n/a
No
None
Condition removed
Bootstrap Undervoltage
Yes [1]
n/a
Yes
None
Demand input = 0 or RUN = 0
Demand input reset [5]
or RUN reset [6]
SPI [3][4]
Temperature Warning
No
n/a
No
None
Condition removed
n/a
Overtemperature
Yes [1]
n/a
Yes
VLR regulator
shutdown & MCU
reset
First watchdog transition after 100 ms from MRSTn going high
Loss of Synchronization
Yes [1]
0
Yes
None
Demand input = 0 or RUN = 0
Demand input reset [5]
or RUN reset [6]
SPI [3][4]
1
No
Stop and restart
Condition removed
VDS Overvoltage
Yes [1]
n/a
Yes
None
Demand input = 0 or RUN = 0
Demand input reset [5]
or RUN reset [6]
SPI [3][4]
[1]
All gate drives low, all MOSFETs off.
[2]
Gate drive for the affected MOSFET low, only the affected MOSFET off.
[3]
Only when DSR = 0.
[4]
Serial read of Status or Diagnostic register.
[5]
Set demand input = 0 then set demand input to a new operating value.
[6]
Set RUN bit = 0 then set RUN bit = 1.
[7]
Restart control bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com