Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 60 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 60 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 56Page - Allegro MicroSystems A4964 Datasheet HTML 57Page - Allegro MicroSystems A4964 Datasheet HTML 58Page - Allegro MicroSystems A4964 Datasheet HTML 59Page - Allegro MicroSystems A4964 Datasheet HTML 60Page - Allegro MicroSystems A4964 Datasheet HTML 61Page - Allegro MicroSystems A4964 Datasheet HTML 62Page - Allegro MicroSystems A4964 Datasheet HTML 63Page - Allegro MicroSystems A4964 Datasheet HTML 64Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
60
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
READBACK REGISTER
The read-only readback register, register 31, provides access
to six additional measurements plus the Diagnostic register
described above. The measurement to be output on SDO when
register 31 is addressed is selected by the RBS[2:0] variable as
shown in Table 6:
Table 6: Read-Back Output Select
RBS
Register 31 Output
0
Diagnostic register
1
Motor speed
2
Average supply current
3
Supply voltage
4
Chip temperature
5
Demand input
6
Applied bridge peak duty cycle
7
Applied phase advance
The first five bits of the readback register are always the most
significant five bits of the Status register. The 10-bit readback
value is the next ten bits followed by a parity bit.
The motor speed measurement is relative to the speed resolution
defined by SR[2:0] and therefore has the same range and resolu-
tion as the speed demand input through register 30. The motor
speed is also available during windmill detection in the forward
direction.
The motor speed, fE,is defined as:
fE = n × fRES (Hz)
where n is a positive integer defined by DO[9:0], fRES is the
speed resolution defined by SR[2:0], and fE is the electrical cycle
frequency of the controller.
The motor speed, ωM, can be calculated from :
()
N
f
rpm
60
�
M
PP
E
~
=
where ωM is the motor speed in rpm, fE is the electrical cycle
frequency, and NPP is the number of pole-pairs in the rotor.
This range can be extended by a factor of two by using the most
significant bit of the diagnostic register, OSR, as bit 11 of the speed
measurement. That is, when OSR = 1, the speed is defined as:
fE = (n + 1024) × fRES (Hz)
The update period for the motor speed measurement can be cal-
culated from:
()
�
t
Sf ms
1
DO
EMF
E
=
where fE is the electrical cycle frequency and SEMF is the number
of bemf samples per cycle.
The average supply current measurement is derived from the
average output of the sense amplifier and represents the average
supply current into the motor. The average current value, ISAVG,
is defined as:
.
()
�
�
I
AR
n
A
176
SAVG
VSENSE
=
where n is a positive integer defined by DO[9:0], RSENSE is the
sense resistor value in mΩ, AV is the gain of the sense amplifier
as defined by the SA variable.
The supply voltage measurement is a direct measurement of the
VBRG voltage with a resolution of 53 mV and a range of 54 V.
The supply voltage, VS, is defined as:
VS = n × 0.0528 (V)
where n is a positive integer defined by DO[9:0].
Used together, the average supply current and the supply voltage
measurements can provide a measurement of the average electri-
cal power into the motor.
The chip junction temperature measurement is determined by the
voltage of the internal temperature measurement diodes. The chip
junction temperature, TJ, is defined as:
TJ = 367.7 – (n × 0.451) (°C)
where n is a positive integer defined by DO[9:0].
The temperature measurement result range is –93°C to 367°C,
but the useable measurement range is –50°C to 190°C.
The average supply current, supply voltage, and chip temperature
measurements are updated every 2 ms.
The remaining three selections provide a readback capability for
the variables that can be modified internally by the A4964.
The demand input can be written directly or can be derived from
an input PWM duty cycle. The demand input readback simply
provides the contents of DI[9:0] at the time of readback.
The applied bridge peak duty cycle output provides the peak
value of the duty cycle as determined by the motor control algo-
rithm. The bridge duty cycle, DBR, is defined by:
%
D
n
1023
BR
=
^h
where n is a positive integer defined by DO[9:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com