Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A4964 Datasheet HTML 1Page - Allegro MicroSystems A4964 Datasheet HTML 2Page - Allegro MicroSystems A4964 Datasheet HTML 3Page - Allegro MicroSystems A4964 Datasheet HTML 4Page - Allegro MicroSystems A4964 Datasheet HTML 5Page - Allegro MicroSystems A4964 Datasheet HTML 6Page - Allegro MicroSystems A4964 Datasheet HTML 7Page - Allegro MicroSystems A4964 Datasheet HTML 8Page - Allegro MicroSystems A4964 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
The A4964 is a three-phase, sensorless, brushless DC
(BLDC) motor controller for use with external N-channel
power MOSFETs and is specifically designed for automotive
applications. It is designed to provide the motor control
functions in a system where a small microcontroller provides
the communication interface to a central ECU and intelligent
fault and status handling. The A4964 provides the supply and
watchdogforthemicrocontrollerandthehigh-voltageinterfaces
between the microcontroller and the central ECU and ignition
switch. The A4964 can also operate as an independent single-
chip remote motor controller.
The motor is driven using 3-phase sinusoidal current drive
where phase commutation is determined, without the need
for independent position sensors, by monitoring the motor
back-EMF (bemf). The sensorless start-up scheme includes
forward and reverse pre-rotation (windmill) detection and
synchronization, and allows the A4964 to operate over a wide
range of motor and load combinations.
TheA4964canoperatewithdutycycle(voltage)control,current
(torque limit) control, and closed-loop speed control. Control
mode,operatingmode,andcontrolparametersareprogrammed
through an SPI-compatible serial interface.
Asingle current sense amplifier provides peak current limiting
and average current measurement through the serial interface.
Integrated diagnostics provide indication of undervoltage,
overtemperature, and power bridge faults and can protect the
power switches under most short-circuit conditions.
The A4964 is provided in a 36-terminal QFN and a 32-lead
QFP, both with exposed thermal pad.
A4964-DS, Rev. 3
MCO-0000214
• Three-phase sensorless BLDC motor control FET driver
• Three-phase sinusoidal drive with soft start
• Sensorless start-up and commutation
• Windmill detection and synchronization
• Bootstrap gate drive for N-channel MOSFET bridge
• 5.5 to 50 V supply range
• SPI-compatible interface
• Programmable control modes: speed, voltage, current
• Peak current limiting
• Control via SPI or PWM
• Programmable gate drive for slew rate control
• LIN / PWM physical interface with wake
• Logic supply regulator with current limit
• MCU watchdog and reset
• Ignition switch interface
• Diagnostics, status, current, and speed feedback
Sensorless Sinusoidal Drive BLDC Controller
PACKAGES
Figure 1: Typical Applications
Not to scale
A4964
FEATURES AND BENEFITS
DESCRIPTION
December 21, 2018
• Automotive fuel, oil, and urea pumps
• Automotive fans and blowers
APPLICATIONS
SPI
MCU
A4964
3-Phase
Motor
VBAT
IG
LIN
DIAG
VLR
LIN
WDOG
MRSTn
A4964
3-Phase
Motor
VBAT
IG
PWM
DIAG
VLR
36-terminal eQFN
(suffix EV)
32-lead eQFP
(suffix JP)
2
-


Similar Part No. - A4964

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A496 ETC2-A496 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
logo
Allegro MicroSystems
A4960 ALLEGRO-A4960 Datasheet
599Kb / 34P
The A4960 is a three-phase, sensorless, brushless DC (BLDC) motor controller for use with external N-channel power MOSFETs and is specifically designed for automotive applications.
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
Automotive, Sensorless BLDC Controller
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
Sensorless BLDC Controller
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
Sensorless BLDC Controller
More results

Similar Description - A4964

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
Sensorless BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
Sensorless BLDC Motor Controller
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
ADM00308 MICROCHIP-ADM00308 Datasheet
1Mb / 2P
Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
06/12
logo
Texas Instruments
DRV10964 TI1-DRV10964 Datasheet
2Mb / 27P
Three-Phase Sinusoidal Sensorless BLDC Motor Driver
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
Automotive, Sensorless BLDC Controller
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
Sensorless BLDC Controller
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
Sensorless BLDC Controller
logo
Princeton Technology Co...
PT2501 PTC-PT2501 Datasheet
247Kb / 4P
3-Phase Sinusoidal BLDC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com