Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 69 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 69 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 65Page - Allegro MicroSystems A4964 Datasheet HTML 66Page - Allegro MicroSystems A4964 Datasheet HTML 67Page - Allegro MicroSystems A4964 Datasheet HTML 68Page - Allegro MicroSystems A4964 Datasheet HTML 69Page - Allegro MicroSystems A4964 Datasheet HTML 70Page - Allegro MicroSystems A4964 Datasheet HTML 71Page - Allegro MicroSystems A4964 Datasheet HTML 72Page - Allegro MicroSystems A4964 Datasheet HTML 73Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
69
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Serial Register Reference
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
17: Startup config
1
0
0
0
1
WR
WIN WMF2 WMF1 WMF0 WBD3 WBD2 WBD1 WBD0
P
0
0
0
1
0
0
1
1
1
18: Startup config
1
0
0
1
0
WR
SF23 SF22 SF21 SF20 SF13 SF12 SF11 SF10
P
0
0
1
1
1
0
1
1
1
Register 17: Startup Configuration
WIN
Windmill Mode Select
WIN
Windmill Mode
Default
0
Windmilling disabled
D
1
Windmilling enabled
WMF[2:0] Minimum Windmill Detection Frequency
fWM = 0.4 + (n × 3.2) Hz
where n is a positive integer defined by WMF[3:0],
e.g. when WMF[2:0] = [010] then fWM = 6.8 Hz.
The range of fWM is 0.4 Hz to 22.8 Hz.
WBD[3:0] Duty Cycle During Windmill Braking
DWB = (n + 1) × 6.25%
where n is a positive integer defined by WBD[3:0],
e.g. when WBD[3:0] = [0111] then DWB = 50%
The range of DWB is 6.25% to 100%.
Register 18: Startup Configuration
SF2[3:0] Start Ramp Final Frequency
fS2 = 10 + (n × 2.5) Hz
where n is a positive integer defined by SF2[3:0],
e.g. when SF2[3:0] = [0111] then fS2 = 27.5 Hz.
The range of fS2 is 10 Hz to 47.5 Hz.
SF1[3:0] Start Ramp Initial Frequency
fS1 = 0.5 + (n × 0.5) Hz
where n is a positive integer defined by SF1[3:0],
e.g. when SF1[3:0] = [0111] then fS1 = 4 Hz.
The range of fS1 is 0.5 Hz to 8 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com