Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 73 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 73 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 69Page - Allegro MicroSystems A4964 Datasheet HTML 70Page - Allegro MicroSystems A4964 Datasheet HTML 71Page - Allegro MicroSystems A4964 Datasheet HTML 72Page - Allegro MicroSystems A4964 Datasheet HTML 73Page - Allegro MicroSystems A4964 Datasheet HTML 74Page - Allegro MicroSystems A4964 Datasheet HTML 75Page - Allegro MicroSystems A4964 Datasheet HTML 76Page - Allegro MicroSystems A4964 Datasheet HTML 77Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
73
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Serial Register Reference
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
26: Phase advance
1
1
0
1
0
WR
PAM
KIP1
KIP0
PA5
PA4
PA3
PA2
PA1
PA0
P
0
0
0
0
0
0
0
0
0
27: Motor function
1
1
0
1
1
WR
LEN
GTS OVM1 OVM0 DRM
BRK
DIR
RUN
P
0
0
0
0
0
0
0
0
0
Register 26: Phase Advance Select
PAM
Phase Advance Mode
PAM
Phase Advance Mode
Default
0
Manual
D
1
Automatic
KIP[1:0]
Auto Phase Advance Control Gain
KIP1
KIP0
Gain
Default
0
0
1
D
0
1
2
1
0
4
1
1
8
PA[5:0]
Phase Advance
θADV = n × 0.7°(elec)
|n=0..62
θADV = 60°(elec)
|n=63
where n is a positive integer defined by PA[5:0],
e.g. when PA[5:0] = [00 1000] then θADV = 5.6°.
The range of θADV is 0 to 43.4° and 60°.
Note: All angles refer to the electrical cycle.
Register 27: Motor Function Control
LEN
Lin Enable
LEN
LIN State
Default
0
Standby
D
1
Active
Register 27: Motor Function Control (continued)
GTS
Go to Sleep Command
GTS
Sleep transition
Default
0
No change in state
D
1
No change in state
1 → 0
No change in state
0 → 1
Enter sleep state if enabled
OVM[1:0] Overmodulation Select
OVM1
OVM0
Overmodulation
Default
0
0
None (100%)
D
0
1
112.5%
1
0
125%
1
1
150%
DRM
Drive Mode Select
DRM
Drive mode
Default
0
Sinusoidal
D
1
Trapezoidal
BRK
Brake Function Select
BRK
Brake Mode
Default
0
Brake disabled
D
1
Brake enabled
DIR
Rotation Direction Select
DIR
Direction
Default
0
Forward (Figure 6, Figure 7, and Table 1)
D
1
Reverse (Figure 6, Figure 7, and Table 1)
RUN
Run enable
RUN
Motor running status
Default
0
Disable outputs, coast motor
D
1
Start and run motor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com