Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 23 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 23 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 19Page - Allegro MicroSystems A4964 Datasheet HTML 20Page - Allegro MicroSystems A4964 Datasheet HTML 21Page - Allegro MicroSystems A4964 Datasheet HTML 22Page - Allegro MicroSystems A4964 Datasheet HTML 23Page - Allegro MicroSystems A4964 Datasheet HTML 24Page - Allegro MicroSystems A4964 Datasheet HTML 25Page - Allegro MicroSystems A4964 Datasheet HTML 26Page - Allegro MicroSystems A4964 Datasheet HTML 27Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
23
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
LIN. LIN bus connection compliant with LIN 2.2 A. This input
can also be used as a PWM that can be passed to the LRX output
or used directly as the demand input when operating in stand-
alone mode.
LTX. LIN or FAULT transmit logic level input.
LRX. LIN or PWM receive logic level output.
IG. Ignition switch input, with resistor pull-down, to disable
or wake-up the A4964 and enable the logic regulator for the
microcontroller. When not used, IG should be tied to ground to
minimize the effect on the supply current in the sleep state.
DIAG. Programmable diagnostic output. Can be shorted to
ground or VBB without damage.
WDOG. Microcontroller watchdog logic input with resistor
pull-down. Window watchdog with programmable minimum and
maximum clock period.
MRSTn. Microcontroller reset control output. Holds the micro-
controller in reset until supplies are available. Resets the micro-
controller in case of watchdog failure.
SDI. Serial data input with resistor pull-down. 16-bit serial word
input msb first.
SDO. Serial data output. High impedance when STRn is high.
Outputs bit 15 of the Diagnostic register, the fault flag, as soon as
STRn goes low.
SCK. Serial clock input with resistor pull-down. Data is latched
in from SDI on the rising edge of CLK. There must be 16 rising
edges per write and SCK must be held high when STRn changes.
STRn. Serial data strobe and serial access enable input with
resistor pull-up. When STRn is high, any activity on SCK or SDI
is ignored and SDO is high impedance, allowing multiple SDI
slaves to have common SDI, SCK, and SDO connections.
Supplies and Regulators
MAIN POWER SUPPLY
A single power supply voltage is required. The main power sup-
ply, VBB, should be connected to VBB through a reverse voltage
protection circuit. A 100 nF ceramic decoupling capacitor must be
connected close to the supply and ground terminals of the A4964.
An internal regulator provides the supply to the internal logic. All
logic is guaranteed to operate correctly to below the VBB POR
level, ensuring that the A4964 will continue to operate safely
until all logic is reset when a power-on-reset state is present.
The A4964 will operate within specified parameters with VBB
from 5.5 to 50 V. Below 5.5 V, the gate drive outputs may be
inactive, but the A4964 will continue to respond through the
serial interface with a supply down to 3.5 V. It will remain in a
safe state between 0 and 50 V under all supply switching condi-
tions. This provides a very rugged solution for use in the harsh
automotive environment.
At power-up, the logic inputs and outputs will remain disabled
until VLR rises above the rising undervoltage threshold, VLRON. If
the WD mask bit is saved as 0 in non-volatile EEPROM (NWM),
the MRSTn output will remain low for 10 ms. If the WD mask
bit is saved as 1 in NWM, the MRSTn output will remain low for
10 ms or until the first valid serial transfer (whichever occurs first).
After the MRSTn output goes high, the gate drive outputs will be
re-enabled as described in the Fault Action section.
VLR REGULATOR
An integrated, programmable, linear regulator is provided to
supply the logic I/O and external logic-level circuits, such as a
microcontroller or interface circuit. The output of the regulator
on the VLR terminal is derived from VBB and can be selected as
3.3 or 5 V using the VLR bit. The logic I/O threshold levels are
also determined by the VLR bit, allowing the A4964 to match the
logic I/O levels of external logic.
The regulator includes current limit, undervoltage, and short pro-
tection. The current limiting circuit will reduce the output voltage
to ensure that the output current does not exceed the current limit,
ILROC. If the output voltage drops below the falling undervoltage
threshold, VLROFF, the MRSTn output will go low and can be
used to reset an external microcontroller.
If the output voltage falls below the regulator shutdown thresh-
old, VLROSD, for a period exceeding the shutdown lockout period,
tLRLO, the regulator is turned off and all logic inputs and outputs
are disabled. In this state a small pilot current, ILROP, is driven
through the regulator output to detect load resistance. If the resul-
tant voltage rises above the regulator enable threshold, VLROE,
the regulator immediately attempts to restart.
At power-up, or when the regulator restarts, full output current is
delivered for a period equal to the shutdown lockout period. Dur-
ing this time, the output voltage is not monitored for short-circuit
conditions in order to ensure reliable regulator startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com