Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 28 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 28 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 24Page - Allegro MicroSystems A4964 Datasheet HTML 25Page - Allegro MicroSystems A4964 Datasheet HTML 26Page - Allegro MicroSystems A4964 Datasheet HTML 27Page - Allegro MicroSystems A4964 Datasheet HTML 28Page - Allegro MicroSystems A4964 Datasheet HTML 29Page - Allegro MicroSystems A4964 Datasheet HTML 30Page - Allegro MicroSystems A4964 Datasheet HTML 31Page - Allegro MicroSystems A4964 Datasheet HTML 32Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
28
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
is usually used when the LIN terminal is used as a PWM input,
either in SPI mode or in standalone mode. If the LIN terminal
does not remain in the changed state for longer than the wake
time, tBUSWK, then the A4964 returns to the sleep state.
When a valid wake request is detected on the LIN terminal or
the IG terminal transitions from low to high, the A4964 will exit
normal the sleep state, turn on all regulators and control circuits,
and commence operation.
At this time, if the LEN bit is 0, the LIN interface will remain in
the standby state where the LIN terminal is a passive input. The
LRX output will indicate the state of the LIN terminal but the sig-
nal on the LTX terminal is ignored. The LIN interface becomes
fully active when LEN is set to 1. If the default value of LEN is
1, then the standby state is bypassed and the LIN interface is fully
active as soon as the internal regulators are fully active.
LIN
State
LEN
0
1
Sleep
Standby
Active
tBUSWK
tHDom
tHRec
Figure 13a: LIN Wake Sequence and Timing
State
LEN
0
1
Sleep
Standby
Active
LIN
(PWM)
tBUSWK
tHDom
tHRec
Figure 13b: PWM Wake Sequence and Timing
Motor Drive
The motor drive consists of three half-bridge gate drive outputs,
each driving one leg of an external three-phase MOSFET power
bridge. The state of the gate drive outputs is determined by a
three-phase PWM generator that determines the necessary PWM
duty cycle required at each of the three-phase connections to the
motor.
GATE DRIVE
The A4964 is designed to drive external, low on-resistance,
power n-channel MOSFETs. It will supply the large transient
currents necessary to quickly charge and discharge the external
MOSFET gate capacitance in order to reduce dissipation in the
external MOSFET during switching. The charge current for
the low-side drives and the recharge current for the bootstrap
capacitors is provided by the capacitor on the VREG terminal.
The charge current for the high-side drives is provided by the
bootstrap capacitors connected between the Cx and Sx terminal,
one for each phase. The MOSFET gate charge and discharge rate
can be controlled using an external resistor in series with the con-
nection to the gate of the MOSFET or by selecting the gate drive
current and timing using a group of parameters set via the serial
interface.
GATE DRIVE VOLTAGE REGULATION
The gate drivers are powered by a programmable voltage internal
regulator which limits the supply to the drivers and therefore
the maximum gate voltage. At low supply voltage, the regulated
supply is maintained by a charge pump boost converter which
requires a pump capacitor, typically 470 nF, connected between
the CP1 and CP2 terminals.
The regulated voltage, VREG, can be programmed to 8 or 11 V
and is available on the VREG terminal. The voltage level is
selected by the value of the VRG bit. When VRG = 1, the voltage
is set to 11 V; when VRG = 0, the voltage is set to 8 V. A suf-
ficiently large storage capacitor (see applications section) must
be connected to this terminal to provide the transient charging
current to the low side drivers and the bootstrap capacitors.
LOW-SIDE GATE DRIVE
The low-side, gate-drive outputs on GLA, GLB, and GLC are
referenced to the GND terminal. These outputs are designed
to drive external N-channel power MOSFETs. GLx = ON (or
“high”) means that the upper half of the driver is turned on and it
will source current to the gate of the low-side external MOSFET,
turning it on. GLx = OFF (or “low”) means that the lower half of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com