Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 20 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 20 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 16Page - Allegro MicroSystems A4964 Datasheet HTML 17Page - Allegro MicroSystems A4964 Datasheet HTML 18Page - Allegro MicroSystems A4964 Datasheet HTML 19Page - Allegro MicroSystems A4964 Datasheet HTML 20Page - Allegro MicroSystems A4964 Datasheet HTML 21Page - Allegro MicroSystems A4964 Datasheet HTML 22Page - Allegro MicroSystems A4964 Datasheet HTML 23Page - Allegro MicroSystems A4964 Datasheet HTML 24Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
20
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 9: Modulation and Overmodulation Examples
50%
100%
0%
Sin Drive, 3-Phase Modulation
Sin Drive, 2-Phase Modulation
DPK= 100%
OVM= 0
50%
100%
0%
DPK= 75%
OVM= 0
or
DPK= 50%
OVM= 3
50%
100%
0%
DPK= 85%
OVM= 2
50%
100%
0%
DPK= 92%
OVM= 3
0°
60°
120°
180°
240°
300°
360°
0°
60°
120°
180°
240°
300°
360°
0°
60°
120°
180°
240°
300°
360°
0°
60°
120°
180°
240°
300°
360°
0°
60°
120°
180°
240°
300°
360°
0°
60°
120°
180°
240°
300°
360°
0°
60°
120°
180°
240°
300°
360°
0°
60°
120°
180°
240°
300°
360°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com