Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 49 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 49 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 45Page - Allegro MicroSystems A4964 Datasheet HTML 46Page - Allegro MicroSystems A4964 Datasheet HTML 47Page - Allegro MicroSystems A4964 Datasheet HTML 48Page - Allegro MicroSystems A4964 Datasheet HTML 49Page - Allegro MicroSystems A4964 Datasheet HTML 50Page - Allegro MicroSystems A4964 Datasheet HTML 51Page - Allegro MicroSystems A4964 Datasheet HTML 52Page - Allegro MicroSystems A4964 Datasheet HTML 53Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
49
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
disabled. This fault state will be latched until the next PWM-on
state for the associated phase. In some cases, this will allow the
A4964 to continue to operate the motor in a reduced functional
mode depending on the specific fault condition.
When a loss of synchronization is detected, all the gate drive
outputs are disabled and the motor coasts. If the restart bit, RSC,
is set to 1, the A4964 immediately goes into a startup sequence.
If RSC = 0, the loss of synchronization fault state is latched and
all gate drive outputs remain disabled until a demand input reset,
a RUN bit reset, a serial read of the Status register with DSR = 0,
or a power-on-reset occurs.
In all cases, any fault bits that have been set in the diagnostic
registers are latched and only reset when a power-on-reset state is
present or when the associated fault bit is read through the serial
interface with DSR = 0.
FAULT MASKS
Individual diagnostics, except POR and system error, can be dis-
abled by setting the corresponding bit in the mask register. If a bit
is set to one in the mask register, then the corresponding diagnos-
tic will be completely disabled. No fault states for the disabled
diagnostic will be generated, no fault flags or diagnostic bits will
be set, and no fault actions will be taken. See the mask register
definition for bit allocation.
Care must be taken when diagnostics are disabled to avoid poten-
tially damaging conditions.
CHIP-LEVEL DIAGNOSTICS
Parameters, which are critical for safe operation of the A4964
and the external MOSFETs, are monitored. These include serial
interface, chip temperature, minimum internal logic supply volt-
age, and the minimum motor supply voltage. Faults are latched in
the Status or Diagnostic register when they occur and the register
is only reset by a Status or Diagnostic register reset.
CHIP FAULT STATE: POWER-ON RESET
The supply to the logic sections of the A4964 is generated by an
internal regulator from VBB and is monitored to ensure correct
logical operation. The internal logic is guaranteed to operate with
the voltage at the VBB terminal, VBB, down to VBBR. When VBB
drops below the VBBR threshold, then the logical function of the
A4964 cannot be guaranteed, all outputs will be immediately dis-
abled and all the logic reset. The A4964 will enter a power-down
state and all internal activity, other than the logic supply voltage
monitor will be suspended.
When VBB rises above the VBBR threshold, the A4964 will exit
the power down state, all serial control registers will be reset to
their power-on state, and all fault states will be reset. The FF bit
and the POR bit in the Status register will be set to one to indicate
that a power-on-reset has taken place. In general, the VSU, VRU,
and VLU bits may also be set following a power-on-reset as the
regulators may not have reached their respective rising undervolt-
age thresholds until after the register reset is completed.
At power-up, the logic inputs and outputs will remain disabled
until VLR rises above the rising undervoltage threshold, VLRON. If
the WD mask bit is saved as 0 in non-volatile EEPROM (NWM),
the MRSTn output will remain low for 10 ms. If the WD mask
bit is saved as 1 in NWM, the MRSTn output will remain low for
10 ms or until the first valid serial transfer (whichever occurs first).
After the MRSTn output goes high, the gate drive outputs will be
re-enabled as described in the Fault Action section.
The same power-on-reset sequence occurs for initial power-on
or for a VBB “brown-out” where VBB only drops below VBBR
momentarily.
CHIP FAULT STATE: OVERTEMPERATURE
Two temperature thresholds are provided. A hot warning and an
overtemperature shutdown.
• If the chip temperature rises above the temperature warning
threshold, TJW, the thermal warning bit, TW, will be set in
the Status register. No action will be taken by the A4964
when a thermal warning fault condition is present. When the
temperature drops below TJW by more than the hysteresis value,
TJWHys, the fault condition is removed. The thermal warning bit,
TW, remains latched in the Status register until reset.
• If the chip temperature rises above the over temperature
threshold, TJF, the over temperature bit, OT, will be set in the
Status register.
If ESF = 1, all gate drive outputs will be disabled, the VLR
regulator is shut down and MRSTn will go low. All A4964 func-
tions other than the regulator remain active. When TJ drops by
more than the overtemperature threshold (TJ < TJF – TJHyst), the
regulator will remain shut down and MRSTn will remain low for
10 ms. After this timeout, MRSTn goes high and the regulator is
re-enabled and attempts to restart. The overtemperature bit, OT,
remains latched in the Status register until reset.
If ESF = 0, no circuitry will be disabled and action must be taken
by the user to limit the power dissipation in some way so as to
prevent overtemperature damage to the chip and unpredictable
device operation. When the temperature drops below TJF by more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com