Electronic Components Datasheet Search
  English  ▼

X  

A4964 Datasheet(PDF) 46 Page - Allegro MicroSystems

Part # A4964
Description  Sensorless Sinusoidal Drive BLDC Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4964 Datasheet(HTML) 46 Page - Allegro MicroSystems

Back Button A4964 Datasheet HTML 42Page - Allegro MicroSystems A4964 Datasheet HTML 43Page - Allegro MicroSystems A4964 Datasheet HTML 44Page - Allegro MicroSystems A4964 Datasheet HTML 45Page - Allegro MicroSystems A4964 Datasheet HTML 46Page - Allegro MicroSystems A4964 Datasheet HTML 47Page - Allegro MicroSystems A4964 Datasheet HTML 48Page - Allegro MicroSystems A4964 Datasheet HTML 49Page - Allegro MicroSystems A4964 Datasheet HTML 50Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
Sensorless Sinusoidal Drive BLDC Controller
A4964
46
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Diagnostics
Multiple diagnostic features provide fault monitoring for the
basic chip status, for the state of the external bridge and for the
motor control function. Most of the non-critical diagnostics can
be masked by setting the appropriate bit in the mask register. The
detectable faults are listed in table 5.The fault status is available
through the serial interface or through the DIAG output. The
serial output, SDO, can also be programmed to provide a divided
version of the system clock that can be used for clock frequency
verification or system calibration.
SERIAL STATUS REGISTER
The serial interface allows detailed diagnostic information to be
read from the Status register at any time.
The first bit (bit 15) of the Status register contains a common
fault flag, FF, which will be high if any of the fault bits in the
registers have been set. This allows fault condition to be detected
using the serial interface by simply taking STRn low. As soon as
STRn goes low, the first bit in the Status register can be read to
determine if a fault has been detected at any time since the last
Status or Diagnostic register reset. In all cases, the fault bits in the
diagnostic registers are latched and only cleared after the associ-
ated fault bit is read through the serial interface with DSR = 0.
DIAGNOSTIC REGISTER
The diagnostic register provides additional details of any VDS
overvoltage or bootstrap undervoltage faults. It also provides an
indication when the reported motor speed is above the maximum
programmable level.
The status and diagnostic registers are described further in the
serial interface section description below.
DIAG OUTPUT
DIAG is a battery-compliant open-drain pull-down output that
provides the following four optional signals selected by the
DGS[1:0] variable:
DGS = 0: An active-low fault flag which will be low when a
fault is present or a fault state is latched.
DGS = 1: An FG speed signal providing a square wave at the
electrical cycle frequency.
DGS = 2: Time-based pulses to differentiate the fault groups
as described in table 5 below. DIAG will be inactive when no
fault is present.
DGS = 3: Time-based pulses to differentiate the fault groups
as described in table 5 below. DIAG will output the FG signal
when no fault is present.
When operating in stand-alone mode and DGS = 0 or 2, DIAG
can be externally connected directly to the LIN terminal or to the
LTX input to superimpose the fault information onto the PWM
input. When DGS = 2, the PWM input duty cycle detection will
ignore the state of the PWM signal when DIAG is low and main-
tain the last detected demand input.
Further details on using the DIAG output for error reporting are
provided in the applications section in this datasheet.
Table 4: DIAG Pulse Definition and Fault Allocation
DGS[1:0]
00
01
10
11
Fault Description
Fault Group
DIAG Output
Priority
No Fault
No Fault
H
FG
H
FG
–
Serial Error
VBB POR
Temperature Warning
System Error
System
L
FG
L
L
5
VBB Undervoltage
Undervoltage
L
FG
L: 2.5 s / H: 1 s
L: 2.5 s / H: 1 s
4
VLR Undervoltage
VREG Undervoltage
Bootstrap Undervoltage
Over Temperature
Temperature
L
FG
L: 2 s / H: 1 s
L: 2 s / H: 1 s
3
VDS Overvoltage
Short Detect
L
FG
L: 1 s / H: 1 s
L: 1 s / H: 1 s
2
Loss of Synchronization
Motor lock
L
FG
L: 1.5 s / H: 1 s
L: 1.5 s / H: 1 s
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com