Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 231 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 231 Page - NEC

Back Button D17133CS Datasheet HTML 227Page - NEC D17133CS Datasheet HTML 228Page - NEC D17133CS Datasheet HTML 229Page - NEC D17133CS Datasheet HTML 230Page - NEC D17133CS Datasheet HTML 231Page - NEC D17133CS Datasheet HTML 232Page - NEC D17133CS Datasheet HTML 233Page - NEC D17133CS Datasheet HTML 234Page - NEC D17133CS Datasheet HTML 235Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 289 page
background image
CHAPTER 18
INSTRUCTION SET
216
(6)
XOR m, #n4
Exclusive OR between data memory and immediate data
<1> OP code
10
87
43
0
10101
mR
mC
n4
<2> Function
(m)
← (m)
n4
Exclusive-ORs the data memory contents and immediate data. Stores the result in data memory.
<3> Example
Inverts bits 1 and 3 in address 0.03H and store the result in address 03H:
MEM003
MEM
0.03H
XOR
MEM003, #1010B
18.5.4 Judgment Instruction
(1)
SKT m, #n
Skip next instruction if data memory bits are true
<1> OP code
10
87
43
0
11110
mR
mC
n
<2> Function
CMP
← 0, if (m) n=n, then skip
Skip the next one instruction, if the result of ANDing the data memory contents and immediate data n is
equal to n (Executes as NOP instruction)
1100
Address 03H
1010
0110
Address 03H
XOR
Inverted bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com