Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 232 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 232 Page - NEC

Back Button D17133CS Datasheet HTML 228Page - NEC D17133CS Datasheet HTML 229Page - NEC D17133CS Datasheet HTML 230Page - NEC D17133CS Datasheet HTML 231Page - NEC D17133CS Datasheet HTML 232Page - NEC D17133CS Datasheet HTML 233Page - NEC D17133CS Datasheet HTML 234Page - NEC D17133CS Datasheet HTML 235Page - NEC D17133CS Datasheet HTML 236Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 289 page
background image
CHAPTER 18
INSTRUCTION SET
217
<3> Example 1
Jumps to AAA, if bit 0 in address 03H is 1; if it is 0, jumps to BBB:
SKT
03H, #0001B
BR
BBB
BR
AAA
Example 2
Skips the next instruction, if both bits 0 and 1 in address 03H are 1.
SKT
03H, #0011B
b3
b2
b1
b0
Skip condition 03H
××
11
× : don't care
Example 3
The results of executing the following two instructions are the same:
SKT
13H, #1111B
SKE
13H, #0FH
(2)
SKF m, #n
Skip next instruction if data memory bits are false
<1> OP code
10
87
43
0
11111
mR
mC
n
<2> Function
CMP
← 0, if (m)
n=0, then skip
Skips the next one instruction, if the result of ANDing the data memory contents and immediate data n is
0 (Executes as NOP instruction).
<3> Example 1
Stores immediate data 00H to address 0FH in the data memory content, if bit 2 in address 13H is 0; if it is
1, jumps to ABC:
MEM013
MEM
0.13H
MEM00F
MEM
0.0FH
SKF
MEM013, #0100B
BR
ABC
MOV
MEM00F, #00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com