Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 270 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 270 Page - NEC

Back Button D17133CS Datasheet HTML 266Page - NEC D17133CS Datasheet HTML 267Page - NEC D17133CS Datasheet HTML 268Page - NEC D17133CS Datasheet HTML 269Page - NEC D17133CS Datasheet HTML 270Page - NEC D17133CS Datasheet HTML 271Page - NEC D17133CS Datasheet HTML 272Page - NEC D17133CS Datasheet HTML 273Page - NEC D17133CS Datasheet HTML 274Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 289 page
background image
CHAPTER 19
ASSEMBLER RESERVED WORDS
255
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
..................................................................................................................................................................................
Port register
Symbol Name
Attribute
Value
Read/Write
Description
P0E1
FLG
0.6FH.1
R/W
Port 0E bit 1
P0E0
FLG
0.6FH.0
R/W
Port 0E bit 0
P0A3
FLG
0.70H.3
R/W
Port 0A bit 3
P0A2
FLG
0.70H.2
R/W
Port 0A bit 2
P0A1
FLG
0.70H.1
R/W
Port 0A bit 1
P0A0
FLG
0.70H.0
R/W
Port 0A bit 0
P0B3
FLG
0.71H.3
R/W
Port 0B bit 3
P0B2
FLG
0.71H.2
R/W
Port 0B bit 2
P0B1
FLG
0.71H.1
R/W
Port 0B bit 1
P0B0
FLG
0.71H.0
R/W
Port 0B bit 0
P0C3
FLG
0.72H.3
R/W
Port 0C bit 3
P0C2
FLG
0.72H.2
R/W
Port 0C bit 2
P0C1
FLG
0.72H.1
R/W
Port 0C bit 1
P0C0
FLG
0.72H.0
R/W
Port 0C bit 0
P0D3
FLG
0.73H.3
R/W
Port 0D bit 3
P0D2
FLG
0.73H.2
R/W
Port 0D bit 2
P0D1
FLG
0.73H.1
R/W
Port 0D bit 1
P0D0
FLG
0.73H.0
R/W
Port 0D bit 0
Register file (control register)
(1/2)
Symbol Name
Attribute
Value
Read/Write
Description
SP
MEM
0.81H
R/W
Stack pointer
SIOEN
FLG
0.8AH.0
R/W
SIO enable flag
INT
FLG
0.8FH.0
R
INT pin status flag
PDRESEN
FLG
0.90H.0
R/W
Power-down reset enable flag
TMEN
FLG
0.91H.3
R/W
Timer enable flag
TMRES
FLG
0.91H.2
R/W
Timer reset flag
TMCK1
FLG
0.91H.1
R/W
Timer count pulse selection flag bit 1
TMCK0
FLG
0.91H.0
R/W
Timer count pulse selection flag bit 0
TMOSEL
FLG
0.92H.0
R/W
Timer output port/port selection flag
SIOTS
FLG
0.9AH.3
R/W
SIO start flag
SIOHIZ
FLG
0.9AH.2
R/W
SO pin status
SIOCK1
FLG
0.9AH.1
R/W
Serial clock selection flag bit 1
SIOCK0
FLG
0.9AH.0
R/W
Serial clock selection flag bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com