Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 273 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 273 Page - NEC

Back Button D17133CS Datasheet HTML 269Page - NEC D17133CS Datasheet HTML 270Page - NEC D17133CS Datasheet HTML 271Page - NEC D17133CS Datasheet HTML 272Page - NEC D17133CS Datasheet HTML 273Page - NEC D17133CS Datasheet HTML 274Page - NEC D17133CS Datasheet HTML 275Page - NEC D17133CS Datasheet HTML 276Page - NEC D17133CS Datasheet HTML 277Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 289 page
background image
CHAPTER 19
ASSEMBLER RESERVED WORDS
258
Column address
Row
address
Item
Symbol
At reset
Read/
Write
Symbol
At reset
Read/
Write
Symbol
At reset
Read/
Write
Symbol
At reset
Read/
Write
0
0
R/W
0
0
0
0
P
D
R
E
S
E
N
0
0
0
(8)
1
(9)
2
(A)
3
(B)
1
234
56
7
T
M
E
N
1
R/W
T
M
R
E
S
0
T
M
C
K
1
0
T
M
C
K
0
0
0
0
R/W
0
0
0
0
T
M
O
S
E
L
0
0
0
R/W
0
S
P
00
0
0
R/W
0
0
0
0
P
0
B
G
I
O
0
0
0
R/W
0
00
P
0
E
B
I
O
0
00
R/W
00
P
0
D
B
I
O
0
0
P
0
E
B
I
O
1
P
0
D
B
I
O
2
P
0
D
B
I
O
3
P
0
D
B
I
O
1
0
R/W
00
P
0
C
B
I
O
0
0
P
0
C
B
I
O
2
P
0
C
B
I
O
3
P
0
C
B
I
O
1
0
R/W
00
P
0
A
B
I
O
0
0
P
0
A
B
I
O
2
P
0
A
B
I
O
3
P
0
A
B
I
O
1
Figure 19-1. Configuration of Control Register (
µPD17120, 17121) (1/2)
Remark
(
) means the address when using assembler (AS17K).
All flags of the control register are registered in device file as assembler reserved words. It is convenient
for program design to use the reserved words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com