Electronic Components Datasheet Search
  English  ▼

X  

GD25Q257DFJR Datasheet(PDF) 27 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q257DFJR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q257DFJR Datasheet(HTML) 27 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q257DFJR Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 99 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q257D
27
8.6. Read Extended Register (C8H)
Extended Register contains ECC Status Bits, several device configuration bits, and Address Bit A24. The Read
Extended Register instruction is entered by driving CS# low and sh
ifting the instruction code “C8H” into the SI pin on the
rising edge of SCLK. The Extended Register bits are then shifted out on the SO pin at the falling edge of SCLK with most
significant bit (MSB) first as shown in Figure 10.
When the device is in the 4-Byte Address Mode, the value of A24 Bit is not ignored.
Figure 10 Read Extended Register Sequence Diagram
8.7. Write Extended Register (C5H or 56H)
The Write Extended Register command could be executed no matter the Write Enable Latch (WEL) bit is 0 or 1. The
Write Extended Register
instruction is entered by driving CS# low, sending the instruction code “C5/56H”, and then writing
the Extended Register data Byte as illustrated in Figure 11.
C5H is used to write A24 bit in the Extended Register. 56H is used to write EA5-EA2 (DLP, ECS bits).
Upon power up or the execution of a Software/Hardware Reset, the Extended Register bit values will be cleared to 0.
Figure 11 Write Extended Register Sequence Diagram
Command
0
1
2
3
4
5
6
7
C8H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
MSB
Extended Addr.
Register Out
MSB
Extended Addr.
Register Out
Command
0
1
2
3
4
5
6
7
C5/56H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
MSB
7
6
5
4
3
2
1
0
Extended Addr.
Register In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com