Electronic Components Datasheet Search
  English  ▼

X  

GD25Q257DFJR Datasheet(PDF) 92 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q257DFJR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q257DFJR Datasheet(HTML) 92 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q257DFJR Datasheet HTML 88Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 89Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 90Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 91Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 92Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 93Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 94Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 95Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 96Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 99 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q257D
92
Figure 87. Resume to Suspend Timing Diagram
CS#
Resume
Command
tRS
Suspend
Command
Figure 88. Hold Timing
Figure 89. RESET Timing
Table 28. Reset Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit.
tRLRH
Reset Pulse Width
1
μs
tRHSL
Reset High Time Before Read
50
ns
tRB
Reset Recovery Time
12
ms
CS#
RESET#
tRLRH
tRHSL
tRB
CS#
SCLK
SO
HOLD#
tCHHL
tHLQZ
tHLCH
tCHHH
tHHCH
tHHQX
SI do not care during HOLD operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com