Electronic Components Datasheet Search
  English  ▼

X  

GD25Q257DFJR Datasheet(PDF) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q257DFJR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q257DFJR Datasheet(HTML) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q257DFJR Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 99 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q257D
30
Figure 17. Fast Read with 4-Byte Address Sequence Diagram (ADS=0 or ADS=1)
8.10.
Dual Output Fast Read (DOFR 3BH or 4DOFR 3CH)
The Dual Output Fast Read command is followed by 3-Byte address (A23-A0) and a dummy Byte, and each bit being
latched in on the rising edge of SCLK, then the memory contents are shifted out 2-bit per clock cycle from SI and SO.
The command sequence is shown in followed Figure 18. The first Byte addressed can be at any location. The address is
automatically incremented to the next higher address after each Byte of data is shifted out.
Figure 18. Dual Output Fast Read Sequence Diagram (ADS=0)
Command
0
1
2
3
4
5
6
7
3BH
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
5
3
1
7
5
3
1
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Clocks
4
2
0
6
4
2
0
6
6
7
Command
0
1
2
3
4
5
6
7
0CH
CS#
SCLK
SI
SO
High-Z
8
9 10
36 37 38 39
3
2
1
0
31 30 29
32-bit address
MSB
42 43 44 45
41
6
5
4
3
2
1
0
46 47
Data Out1
40
50 51 52 53
49
54 55
48
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com