Electronic Components Datasheet Search
  English  ▼

X  

GD25Q257DFJR Datasheet(PDF) 91 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q257DFJR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q257DFJR Datasheet(HTML) 91 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q257DFJR Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 88Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 89Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 90Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 91Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 92Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 93Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 94Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 95Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 99 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q257D
91
tRST
CS# High To Next Command After Reset (Except From Erase)
30
us
tRST_E
CS# High To Next Command After Reset (From Erase)
12
ms
tW
Write Status Register Cycle Time
5
20
ms
tBP1
Byte Program Time (First Byte)
30
60
us
tBP2
Additional Byte Program Time (After First Byte)
2.5
15
us
tPP
Page Programming Time
0.4
2.5
ms
tSE
Sector Erase Time
70
450
ms
tBE1
Block Erase Time (32K Bytes)
0.16
1.2
s
tBE2
Block Erase Time (64K Bytes)
0.22
2
s
tCE
Chip Erase Time (GD25Q257D)
70
260
s
Note:
1. Typical value tested at T = 25℃.
2. Value guaranteed by design and/or characterization, not 100% tested in production.
Figure 85. Serial Input Timing
Figure 86. Output Timing
SCLK
CS#
SI
MSB
SO
High-Z
LSB
tCHSL
tSLCH
tDVCH
tCHDX
tSHCH
tCHSH
tCHCL
tCLCH
tSHSL
CS#
SCLK
SO
SI
Least significant address bit (LIB) in
tCLQV
tCLQX
tCLQX
tCLQV
tCLH
tCLL
tSHQZ
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com