Electronic Components Datasheet Search
  English  ▼

X  

GD25Q257DFJR Datasheet(PDF) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q257DFJR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q257DFJR Datasheet(HTML) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q257DFJR Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 99 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q257D
77
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
Reserved
64H
1:0
00b
04H
Status Register Polling Device
Busy
Use of legacy polling is supported
by reading the Status Register with
05h instruction and checking WIP
bit[0] (0=ready; 1=busy).
7:2
000001b
Exit Deep Power down to next
operation delay
Delay=30us/30us
65H
14:8
0111101b
BDH
Exit Deep Power down Instruction
15
1b
66H
22:16
1010101b
D5H
Enter Deep Power down
Instruction
23
1b
67H
30:24
1011100b
5CH
Deep Power down Supported
31
0b
4-4-4 mode disable sequences
Not support 4-4-4 mode
68H
3:0
0000b
00H
4-4-4 mode enable sequences
Not support 4-4-4 mode
7:4
000b
69H
8
0b
06H
0-4-4 mode supported
Supported
9
1b
0-4-4 Mode Exit Method
M<7:0>=00H
15:10
000001b
0-4-4 Mode Entry Method
M<7:0>=AXH
6AH
19:16
0100b
44H
Quad Enable Requirements
(QER)
QE is in status register 2, bit 1
22:20
100b
RESET Disable
23
0b
Reserved
6BH
31:24
00000000b
00H
Volatile or Non-Volatile Register
and Write Enable Instruction for
Status Register 1
6CH
6:0
0001000b
08H
Reserved
7
0b
Soft Reset and Rescue Sequence
Support
66H-99H
6DH
13:8
010000b
50H
Exit 4-Byte Addressing
15:14
01b
6EH
23:16
00000000b
00H
Enter 4-Bye Addressing
6FH
31:24
00000001b
01H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com