Electronic Components Datasheet Search
  English  ▼

X  

GD25Q257DFJR Datasheet(PDF) 94 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q257DFJR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q257DFJR Datasheet(HTML) 94 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q257DFJR Datasheet HTML 90Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 91Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 92Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 93Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 94Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 95Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 96Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 97Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 98Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 99 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q257D
94
10.1.
Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25Q257DFJG
256Mbit
SOP16 300mil
GD25Q257DFJR
GD25Q257DYJG
256Mbit
WSON8 (8x6mm)
GD25Q257DBJG
256Mbit
TFBGA-24ball (5x5 Ball Array)
GD25Q257DBJR
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25Q257DFEG
256Mbit
SOP16 300mil
GD25Q257DFER
GD25Q257DYEG
256Mbit
WSON8 (8x6mm)
GD25Q257DBEG
256Mbit
TFBGA-24ball (5x5 Ball Array)
GD25Q257DBER
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q257DFFG
256Mbit
SOP16 300mil
GD25Q257DFFR
GD25Q257DYFG
256Mbit
WSON8 (8x6mm)
GD25Q257DBFG
256Mbit
TFBGA-24ball (5x5 Ball Array)
GD25Q257DBFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com