Electronic Components Datasheet Search
  English  ▼

X  

GD25Q257DFJR Datasheet(PDF) 43 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q257DFJR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q257DFJR Datasheet(HTML) 43 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q257DFJR Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFJR Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 99 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q257D
43
8.15.
Quad I/O DTR Read (EEH or EDH)
The DTRQIO instruction enables Double Transfer Rate throughput on quad I/O of Serial Flash in read mode. A Quad
Enable (QE) bit of status Register must be set to "1" before sending the DTRQIO instruction. The address (interleave on 4
I/O pins) is latched on both rising and falling edge of SCLK, and data (interleave on 4 I/O pins) shift out on both rising and
falling edge of SCLK. The 8-bit address can be latched-in at one clock, and 8-bit data can be read out at one clock, which
means four bits at rising edge of clock, the other four bits at falling edge of clock. The first address Byte can be at any
location. The address is automatically increased to the next higher address after each Byte data is shifted out, so the whole
memory can be read out at a single DTRQIO instruction. The address counter rolls over to 0 when the highest address has
been reached. Once writing DTRQIO instruction, the following address/dummy/data out will perform as 8-bit instead of
previous 1-bit.
While Program/Erase/Write Status Register cycle is in progress, DTRQIO instruction is rejected without any impact on
the Program/Erase/Write Status Register current cycle.
Quad I/O DTR
Read with “Continuous Read Mode”
The Quad I/O DTR
Read command can further reduce command overhead through setting the “Continuous Read
Mode” bits (M7-0) after the input address. If the “Continuous Read Mode” bits (M5-4) = (1, 0), then the next Quad I/O DTR
Read command (after CS# is raised and then lowered) does not require the EDH/EEH
command code. If the “Continuous
Read Mode” bits (M5-4) do not equal to (1, 0), the next command requires the first EDH/EEH command code, thus returning
to normal operation. The only way to quit the Quad I/O DTR Continuous Read
Mode” is to set the “Continuous Read Mode”
bits (M5-4) not equal to (1,0).
Figure 37. DTR Quad I/O Fast Read Sequence Diagram (ADS=0)
0
Command
0
1
2
3
4
5
6
7
EDH
CS#
SCLK
SI(IO0)
SO(IO1)
8
9 10 11
18 19
4 0 4 0 4 0 4 0
4 0 4 0
5 1 5 1 5 1 5 1
5 1 5 1
A23-0
6 2 6 2 6 2 6 2
6 2 6 2
7 3 7 3 7 3 7 3
7 3 7 3
IO2
Configurable
Dummy
Byt e1
Byt e2
M7-0
1 0 1
DQS
IO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com