Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
10
•
Product Specification (V1.0) 06.16.2005
(This specification is subject to change without further notice)
6.1.6 R5 ~ R6 (Port 5 ~ Port 6)
R5 & R6 are I/O registers
The upper 2 bits of R5 are fixed to “0” (if EM78P259N is selected).
Only the lower 6 bits of R5 are available (this applies to EM78P259N only as
EM78P260N can use all the bits)
6.1.7 R7 (Port 7)
Bit
7
6
5
4
3
2
1
0
EM78P259N/260N
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
I/O
ICE259N
C3
C2
C1
C0
RCM1
RCM0
‘0’
I/O
NOTE
R7 is an I/O register
For EM78P259N/260N, only the lower 1 bit of R7 is available.
Bit 7 ~ Bit 2:
[With EM78P259N/260N]: Unimplemented, read as ‘0’.
[With Simulator (C3~C0, RCM1, & RCM0)]: are IRC calibration bits in IRC oscillator
mode. Under IRC oscillator mode of ICE259N simulator,
these are the IRC mode selection bits and IRC calibration bits.
Bit 7 ~ Bit 4 (C3 ~ C0): Calibrator of internal RC mode
C3
C2
C1
C0
Frequency (MHz)
0
0
0
0
(1-36%) x F
0
0
0
1
(1-31.5%) x F
0
0
1
0
(1-27%) x F
0
0
1
1
(1-22.5%) x F
0
1
0
0
(1-18%) x F
0
1
0
1
(1-13.5%) x F
0
1
1
0
(1-9%) x F
0
1
1
1
(1-4.5%) x F
1
1
1
1
F (default)
1
1
1
0
(1+4.5%) x F
1
1
0
1
(1+9%) x F
1
1
0
0
(1+135%) x F
1
0
1
1
(1+18%) x F
1
0
1
0
(1+22.5%) x F
1
0
0
1
(1+27%) x F
1
0
0
0
(1+31.5%) x F
1. Frequency values shown are theoretical and taken at an instance of
a high frequency mode. Hence, frequency values are shown for
reference only. Definite values depend on the actual process.
2. Similar way of calculation is also applicable to low frequency mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com