Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 29
(This specification is subject to change without further notice)
8-Bit counter
WDT
Prescaler
8 to 1 MUX
WDT Time out
WDTE
(IOCE0)
TCC Pin
MUX
CLK(Fosc/2 or Fosc/4)
8-Bit Counter (IOCC1)
8 to 1 MUX
TE (CONT)
Data Bus
TCC overflow
interrupt
TS (CONT)
SYNC
2 cycles
TCC (R1)
0
1
PSW2~0
(IOCE0)
Prescaler
PSR2~0
(CONT)
Fig. 6-1 TCC and WDT Block Diagram
6.4
I/O Ports
The I/O registers (Port 5, Port 6, and Port 7) are bi-directional tri-state I/O ports. Port 5
is pulled-high and pulled-down internally by software. Likewise, P6 has its open-drain
output through software. Port 5 features an input status changed interrupt (or wake-up)
function. Each I/O pin can be defined as "input" or "output" pin by the I/O control
register (IOC5 ~ IOC7). The I/O registers and I/O control registers are both readable
and writable. The I/O interface circuits for Port 5, Port 6, and Port7 are illustrated in
Figures 6-2, 6-3, 6-4, & 6-5 (see next page).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com