Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 72 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 72 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 76Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
66
•
Product Specification (V1.0) 06.16.2005
(This specification is subject to change without further notice)
6.12.3
Residual Voltage Protection
When the battery is replaced, device power (Vdd) is removed but the residual voltage
remains. The residual voltage may trip below Vdd minimum, but not to zero. This
condition may cause a poor power-on reset. Fig. 6-21 and Fig. 6-22 show how to
create a protection circuit against residual voltage.
EM78P259N
EM78P260N
/RESET
Vdd
100K
Q1
1N4684
10K
33K
Vdd
Fig. 6-21 Residual Voltage Protection Circuit 1
/RESET
Vdd
Q1
Vdd
R3
R2
R1
EM78P259N
EM78P260N
Fig. 6-22 Residual Voltage Protection Circuit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com