Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 73 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 73 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 77Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 67
(This specification is subject to change without further notice)
6.13 Code Option
EM78P259N/260N has two CODE option words and one Customer ID word that are
not part of the normal program memory.
Word 0
Word1
Word 2
Bit12 ~ Bit0
Bit12 ~ Bit0
Bit12 ~ Bit0
6.13.1
Code Option Register (Word 0)
WORD 0
Bit 12 Bit 11 Bit 10 Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
TYPE
CLKS
ENWDTB
OSC2 OSC1 OSC0
HLP
PR2
PR1
PR0
Bit 12 ~ 10:
Not used (reserved). These bits are set to “1” all the time
Bit 9 (TYPE):
Type selection for EM78P259N or EM78P260N
0 = EM78P260N
1 = EM78P259N (default)
Bit 8 (CLKS):
Instruction period option bit
0 = two oscillator periods
1 = four oscillator periods (default)
Refer to Section 6.15 for Instruction Set
Bit 7 (ENWDTB):
Watchdog timer enable bit
0 = Enable
1 = Disable (default)
Bit 6, 5 & 4 (OSC2, OSC1 & OSC0): Oscillator Modes Selection bits
Oscillator Modes
OSC2
OSC1
OSC0
ERC
1 (External RC oscillator mode); P70/OSCO acts as P70
0
0
0
ERC
1 (External RC oscillator mode); P70/OSCO acts as OSCO
0
0
1
IRC
2 (Internal RC oscillator mode); P70/OSCO acts as P70
0
1
0
IRC
2 (Internal RC oscillator mode); P70/OSCO acts as OSCO
0
1
1
LXT
3 (Low XTAL oscillator mode)
1
1
0
HXT
3 High XTAL oscillator mode) (default)
1
1
1
1 Under ERC mode, OSCI is used as oscillator pin. OSCO/P70 is defined by code
option WORD0 Bit6 ~ Bit4.
2 Under IRC mode, P55 is normal I/O pin. OSCO/P70 is defined by code
option WORD0 Bit6 ~ Bit4.
3 Under LXT and HXT modes; OSCI and OSCO are used as oscillator pins. These
pins cannot and should not be defined as normal I/O pins.
NOTE
The transient point of the system frequency between HXT and LXY is around 400kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com