| Electronic Components Datasheet Search |
|
EM78P259NP Datasheet(PDF) 65 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P259NP Datasheet(HTML) 65 Page - ELAN Microelectronics Corp |
|
65 / 88 page ![]() EM78P259N/260N 8-Bit Microprocessor with OTP ROM Product Specification (V1.0) 06.16.2005 • 59 (This specification is subject to change without further notice) 6.10.1 External Reference Signal The analog signal that is presented at Cin– compares to the signal at Cin+. The digital output (CO) of the comparator is adjusted accordingly by taking the following notes into considerations: NOTE ■ The reference signal must be between Vss and Vdd. ■ The reference voltage can be applied to either pin of the comparator. ■ Threshold detector applications may be of the same reference. ■ The comparator can operate from the same or different reference sources. 6.10.2 Comparator Outputs The compared result is stored in the CMPOUT of IOC80. The comparator outputs are sent to CO (P64) through programming Bit 4 & Bit 3<COS1, COS0> of the IOC80 register to <1,0>. See table under Section 6.2.4, IOC80 (Comparator and TCCA Control Registers) for Comparator/OP select bits function description. The following figure shows the Comparator Output block diagram. Q Q EN EN D D To C0 To CPIF To CMPOUT CMRD CMRD From other comparator RESET From OP I/O Fig. 6-14 The Output Configuration of a Comparator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |