Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 1
(This specification is subject to change without further notice)
1
General Description
EM78P259N and EM78P260N are 8-bit microprocessors designed and developed with
low-power and high-speed CMOS technology. It is equipped with a 2K*13-bit Electrical
One Time Programmable Read Only Memory (OTP-ROM). With its OTP-ROM feature,
it is able to offer a convenient way of developing and verifying your programs. Moreover,
it provides a protect bit to guard against code intrusion, as well as 3 Code Option words
to accommodate your requirements. Furthermore you can take advantage of ELAN
Writer to easily write your development code into the EM78P259N and EM78P260N.
2
Features
Operating voltage range: 2.3V~5.5V base on 0
°C ~ 70°C (commercial)
2.5V~5.5V
base on –40
°C ~ 85°C (industrial)
Operating frequency range (base on 2 clocks):
• Crystal mode:DC ~ 20MHz/2clks, 5V; DC ~ 8MHz/2clks, 3V
• RC mode: DC ~ 4MHz/2clks, 5V; DC ~ 4MHz/2clks, 3V
Low power consumption:
• Less than 1.9 mA at 5V/4MHz
• Typically 15 µA, at 3V/32kHz
• Typically 1 µA, during sleep mode
Built-in RC oscillator 4MHz, 8MHz,1MHz, 455kHz (auto calibration)
Programmable WDT time (4.5ms:18ms)
Independent Programmable prescaler of WDT
One configuration register to match your requirements, and user’s ID code for
customer use is provided
80
× 8 on chip registers (SRAM, general purpose register)
2K
× 13 on-chip ROM
Bi-directional I/O ports
8-level stacks for subroutine nesting
8-bit real time clock/counter (TCC) with selective signal sources, trigger edges, and
overflow interrupt
8-bit real time clock/counter (TCCA, TCCC) and 16-bit real time clock/counter
(TCCB) with selective signal sources, trigger edges, and overflow interrupt
One pair of comparators (can act as an OP)
4-bit multi-channel Analog-to-Digital Converter with 12-bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com