Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 69 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 69 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 73Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 63
(This specification is subject to change without further notice)
Circuit diagrams for serial and parallel modes Crystal/Resonator:
OSCI
EM78P259N
EM78P260N
C
7404
330
330
XTAL
7404
7404
Fig. 6-17 Serial Mode Crystal/Resonator Circuit Diagram
EM 78P259N
EM 78P260N
OSCI
7404
7404
C1
C2
10K
4.7K
Vdd
10K
10K
XTAL
Fig. 6-18 Parallel Mode Crystal/Resonator Circuit Diagram
6.11.3
External RC Oscillator Mode
For some applications that do not require
precise timing calculation, the RC
oscillator (Fig. 6-19 right) could offer you
with effective cost savings. Nevertheless,
it should be noted that the frequency of
the RC oscillator is influenced by the
supply voltage, the values of the resistor
(Rext), the capacitor (Cext), and even by
the operation temperature. Moreover, the
frequency also changes slightly from one
chip to another due to the manufacturing
process variation.
OSCI
EM78P259N
EM78P260N
Vcc
Rext
Cext
Fig. 6-19 External RC Oscillator Mode Circuit
In order to maintain a stable system frequency, the values of the Cext should be no less
than 20pF, and that of Rext should be no greater than 1M
Ω. If the frequency cannot be
kept within this range, the frequency can be affected easily by noise, humidity, and
leakage.
The smaller the Rext in the RC oscillator is, the faster its frequency will be. On the
contrary, for very low Rext values, for instance, 1 K
Ω, the oscillator will become
unstable because the NMOS cannot discharge the capacitance current correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com