Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 63 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 63 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 67Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 57
(This specification is subject to change without further notice)
Under TCCBH / MSB Counter (IOC71):
An 8-bit clock counter is for the most significant byte of TCCBX (TCCBH). It
can be read, written, and cleared on any reset condition.
When TCCBHE (IOC90) is “0,” then TCCBH is disabled. When TCCBHE is”1,”
then TCCB is a 16-bit length counter.
NOTE
When TCCBH is Disabled:
TCCB timeout period [1/Fosc x ( 256 - TCCB cnt ) x 1(CLK=2)]
TCCB timeout period [1/Fosc x ( 256 - TCCB cnt ) x 2(CLK=4)]
When TCCBH is Enabled:
TCCB timeout period {1/Fosc x [ 65536 - (TCCBH * 256 + TCCB cnt)] x 1(CLK=2)}
TCCB timeout period {1/Fosc x [ 65536 - (TCCBH * 256 + TCCB cnt)] x 2(CLK=4)}
Under TCCC Counter (IOC81):
IOC81 (TCCC) is an 8-bit clock counter. It can be read, written, and cleared on
any reset condition.
If HF (Bit 2 of IOCA0) = 1 and IRE (Bit 3 of IOCA0) = 1, TCCC counter scale
uses the low-time segments of the pulse generated by Fcarrier frequency
modulation (see Fig. 6-11 in Section 6.8.2, Function Description). Then the
TCCC value will be the TCCC predicted value.
When HP = 0 or IRE = 0, the TCCC is an UP Counter.
NOTE
Under TCCC UP Counter mode:
■ TCCC timeout period [1/Fosc x scaler (IOCA0) x (256-TCCC cnt) x 1(CLK=2)]
■ TCCC timeout period [1/Fosc x scaler (IOCA0) x (256-TCCC cnt) x 2(CLK=4)]
When HP = 1 and IRE = 1, the TCCC counter scale uses the low-time
segments of the pulse generated by Fcarrier frequency modulation.
NOTE
Under IR mode:
■ Fcarrier = FT/ 2 { [1+decimal TCCC Counter value (IOC81)] * TCCC Scale (IOCA0) }
■ FT is system clock: FT = Fosc/1 (CLK=2)
FT = Fosc/2 (CLK=4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com