Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 53 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 53 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 57Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 47
(This specification is subject to change without further notice)
Bit 4 (ADRUN):
ADC starts to RUN.
1 = an AD conversion is started. This bit can be set by
software.
0 = reset on completion of the conversion. This bit
cannot be reset though software.
Bit 3 (ADPD):
ADC Power-down mode.
1 = ADC is operating
0 = switch off the resistor reference to save power even
while the CPU is operating.
Bit 2:
Not used
Bit 1 ~ Bit 0 (ADIS1 ~ ADIS0): Analog Input Select
00 = ADIN0/P50
01 = ADIN1/P51
10 = ADIN2/P52
11 = ADIN3/P53
These bits can only be changed when the ADIF bit and
the ADRUN bit are both LOW.
6.7.1.3 RA (ADOC: AD Offset Calibration Register)
7
6
5
4
3
2
1
0
CALI
SIGN
VOF[2]
VOF[1]
VOF[0]
–
–
–
Bit 7 (CALI): Calibration enable bit for ADC offset
0 = Calibration disable
1 = Calibration enable
Bit 6 (SIGN): Polarity bit of offset voltage
0 = Negative voltage
1 = Positive voltage
Bit 5 ~ Bit 3 (VOF[2] ~ VOF[0]): Offset voltage bits.
VOF[2]
VOF[1]
VOF[0]
EM78P259N/260N
ICE259N
0
0
0
0LSB
0LSB
0
0
1
2LSB
1LSB
0
1
0
4LSB
2LSB
0
1
1
6LSB
3LSB
1
0
0
8LSB
4LSB
1
0
1
10LSB
5LSB
1
1
0
12LSB
6LSB
1
1
1
14LSB
7LSB
Bit 2 ~ Bit 0: Unimplemented, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com