Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 52 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 52 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 56Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
46
•
Product Specification (V1.0) 06.16.2005
(This specification is subject to change without further notice)
Bit 1 (ADE1 ): AD converter enable bit of P51 pin
0 = Disable ADC1, P51 acts as I/O pin
1 = Enable ADC1 acts as analog input pin
Bit 0 (ADE0 ): AD converter enable bit of P50 pin
0 = Disable ADC0, P50 acts as I/O pin
1 = Enable ADC0 acts as analog input pin
6.7.1.2 R9 (ADCON: AD Control Register)
7
6
5
4
3
2
1
0
VREFS
CKR1
CKR0
ADRUN
ADPD
-
ADIS1
ADIS0
ADCON register controls the operation of the AD conversion and decides which pin
should be currently active.
Bit 7(VREFS): The input source of the ADC Vref
0 = The ADC Vref is connected to Vdd (default value), and the
P54/VREF pin carries out the P54 function
1 = The ADC Vref is connected to P54/VREF
NOTE
The P54/TCC/VREF pin cannot be applied to TCC and VREF at the same time. IF
P54/TCC/VREF acts as VREF analog input pin, then CONT Bit 5 (TS) must be “0”.
The P54/TCC/VREF pin priority is as follows:
P54/TCC/VREF Pin Priority
High
Medium
Low
VREF
TCC
P54
Bit 6 ~ Bit 5 (CKR1 ~ CKR0): The ADC prescaler oscillator clock rate
00 = 1: 4 (default value)
01 = 1: 16
10 = 1: 64
11 = 1: WDT ring oscillator frequency
CKR0:CKR1 Operation Mode Max. Operation Frequency
00
Fsco/4
1 MHz
01
Fsco/16
4 MHz
10
Fsco/64
16MHz
11
Internal RC
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com