Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 33
(This specification is subject to change without further notice)
All I/O port pins are configured as input mode (high-impedance state)
The Watchdog Timer and prescaler are cleared
When power is switched on, the upper 3 bits of R3 is cleared
The CONT register bits are set to all "1" except for Bit 6 (INT flag)
The IOCB0 register bits are set to all "1"
The IOCC0 register bits are set to all "1"
The IOCD0 register bits are set to all "1"
Bits 7, 5, and 4 of IOCE0 register is cleared
Bit 5 and 4 of RE register is cleared
RF and IOCF0 registers are cleared
Executing the “SLEP” instruction will assert the sleep (power down) mode. While
entering into sleep mode, the Oscillator, TCC, TCCA, TCCB, and TCCC are stopped.
The WDT (if enabled) is cleared but keeps on running.
During AD conversion, when “SLEP” instruction I set; the Oscillator, TCC, TCCA,
TCCB, and TCCC keep on running. The WDT (if enabled) is cleared but keeps on
running.
The controller can be awakened by:
Case 1
External reset input on /RESET pin
Case 2
WDT time-out (if enabled)
Case 3
Port 5 input status changes (if ICWE is enabled)
Case 4
Comparator output status changes (if CMPWE is enabled)
Case 5
AD conversion completed (if ADWE enable)
The first two cases (1 & 2) will cause the EM78P260N to reset. The T and P flags of R3
can be used to determine the source of the reset (wake-up). Cases 3, 4, & 5 are
considered the continuation of program execution and the global interrupt ("ENI" or
"DISI" being executed) decides whether or not the controller branches to the interrupt
vector following wake-up. If ENI is executed before SLEP, the instruction will begin to
execute from address 0x06 (Case 3), 0x0F (Case 4), and 0x0C (Case 5) after wake-up.
If DISI is executed before SLEP, the execution will restart from the instruction next to
SLEP after wake-up.
Only one of Cases 1 to 5 can be enabled before entering into sleep mode. That is:
Case [a] If WDT is enabled before SLEP, all of the RE bit is disabled. Hence, the
EM78P259N/260N can be awakened only with Case 1 or Case 2. Refer to
the section on Interrupt (Section 6.6 below) for further details.
Case [b] If Port 5 Input Status Change is used to wake -up EM78P259N/260N and the
ICWE bit of RE register is enabled before SLEP, WDT must be disabled.
Hence, the EM78P259N/260N can be awakened only with Case 3. Wake-up
time is dependent on oscillator mode. Under RC mode the reset time is 32
clocks (for oscillator stables). In High XTAL mode, reset time is 2ms and
32clocks (for oscillator stables) ; and in low XTAL mode, the reset time is
500ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com