Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
28
•
Product Specification (V1.0) 06.16.2005
(This specification is subject to change without further notice)
6.3
TCC/WDT and Prescaler
There are two 8-bit counters available as prescalers that can be extended to 16-bit
counter for the TCC and WDT respectively. The PST2 ~ PST0 bits of the CONT
register are used to determine the ratio of the TCC prescaler, and the PWR2 ~ PWR0
bits of the IOCE0 register are used to determine the WDT prescaler. The prescaler
counter is cleared by the instructions each time such instructions are written into TCC.
The WDT and prescaler will be cleared by the “WDTC” and “SLEP” instructions. Fig.
6-1 (next page) depicts the block diagram of TCC/WDT.
TCC (R1) is an 8-bit timer/counter. The TCC clock source can be internal clock or
external signal input (edge selectable from the TCC pin). If TCC signal source is from
internal clock, TCC will increase by 1 at every instruction cycle (without prescaler).
Referring to Fig. 6-1, CLK=Fosc/2 or CLK=Fosc/4 is dependent to the CODE Option bit
<CLKS>. CLK=Fosc/2 if the CLKS bit is "0," and CLK=Fosc/4 if the CLKS bit is "1." If
TCC signal source is from external clock input, TCC will increase by 1 at every falling
edge or rising edge of the TCC pin. TCC pin input time length (kept in High or Low
level) must be greater than 1CLK.
NOTE
The internal TCC will stop running when sleep mode occurs. However, during AD
conversion, when TCC is set to “SLEP” instruction, if the ADWE bit of the RE register is
enabled, the TCC will keep on running
The watchdog timer is a free running on-chip RC oscillator. The WDT will keep on
running even when the oscillator driver has been turned off (i.e., in sleep mode).
During normal operation or sleep mode, a WDT time-out (if enabled) will cause the
device to reset. The WDT can be enabled or disabled at any time during normal mode
through software programming. Refer to WDTE bit of IOCE0 register (Section 6.2.10
IOCE0 (WDT Control & Interrupt Mask Registers 2). With no prescaler, the WDT
time-out period is approximately 18ms
1 or or 4.5ms2.
VDD=5V, WDT time-out period = 16.5ms ± 30%
VDD=3V, WDT time-out period = 18ms ± 30%
5V, WDT time-out period = 4.2ms ± 30%
VDD=3V, WDT time-out period = 4.5ms ± 30%
1
2
VDD=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com