Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 74 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 74 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 78Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
68
•
Product Specification (V1.0) 06.16.2005
(This specification is subject to change without further notice)
Bit 3 (HLP):
Power consumption selection
0 = Low power consumption, applies to working frequency
at or below 4MHz
1 = High power consumption, applies to working frequency
above 4MHz
Bit 2 ~ 0 (PR2 ~ PR0):
Protect Bits
PR2 ~ PR0 are protect bits. Each protect status is as
follows:
PR2
PR1
PR0
Protect
0
0
0
Enable
0
0
1
Enable
0
1
0
Enable
0
1
1
Enable
1
0
0
Enable
1
0
1
Enable
1
1
0
Enable
1
1
1
Disable
6.13.2
Code Option Register (Word 1)
WORD 1
Bit 12 Bit 11 Bit 10 Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
RCOUT NRHL
NRE WDTPS CYES
C3
C2
C1
C0
RCM1 RCM0
Bits 12 ~ 11:
Not used (reserved). These bits are set to “1” all the time
Bit 10 (RCOUT):
System clock output enable bit in IRC or ERC mode
0 = OSCO pin is open drain
1 = OSCO output system clock
Bit 9 (NRHL):
Noise rejection high/low pulses define bit. INT pin is falling edge
trigger
0 = Pulses equal to 8/fc [s] is regarded as signal
1 = Pulses equal to 32/fc [s] is regarded as signal (default)
NOTE
The noise rejection function is turned off under the LXT and sleep mode.
Bit 8 (NRE):
Noise rejection enable
0 = disable noise rejection
1 = enable noise rejection (default), but under Low XTAL oscillator
(LXT) mode, the noise rejection circuit is always disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com